Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1171 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1171
Description  2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1171 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM1171_15 Datasheet HTML 4Page - Analog Devices ADM1171_15 Datasheet HTML 5Page - Analog Devices ADM1171_15 Datasheet HTML 6Page - Analog Devices ADM1171_15 Datasheet HTML 7Page - Analog Devices ADM1171_15 Datasheet HTML 8Page - Analog Devices ADM1171_15 Datasheet HTML 9Page - Analog Devices ADM1171_15 Datasheet HTML 10Page - Analog Devices ADM1171_15 Datasheet HTML 11Page - Analog Devices ADM1171_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM1171
Data Sheet
Rev. A | Page 8 of 16
3.0
1.0
0
18
SUPPLY VOLTAGE (V)
2
4
6
8
10
12
14
16
TA = 25°C
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
Figure 16. ITIMERDN (in Cool-Off Cycle) vs. Supply Voltage
3.0
1.0
–50
150
TEMPERATURE (°C)
VCC = 5V
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
–25
0
25
50
75
100
125
Figure 17. ITIMERDN (in Cool-Off Cycle) vs. Temperature
1.38
1.22
0
18
SUPPLY VOLTAGE (V)
2
4
6
8
10
12
14
16
TA = 25°C
1.36
1.34
1.32
1.30
1.28
1.26
1.24
Figure 18. TIMER High Threshold vs. Supply Voltage
1.38
1.22
–50
150
TEMPERATURE (°C)
VCC = 5V
–25
0
25
50
75
100
125
1.36
1.34
1.32
1.30
1.28
1.26
1.24
Figure 19. TIMER High Threshold vs. Temperature
0.24
0.16
0
18
SUPPLY VOLTAGE (V)
2
4
6
8
10
12
14
16
TA = 25°C
0.23
0.22
0.21
0.20
0.19
0.18
0.17
Figure 20. TIMER Low Threshold vs. Supply Voltage
0.24
0.16
–50
150
TEMPERATURE (°C)
VCC = 5V
–25
0
25
50
75
100
125
0.23
0.22
0.21
0.20
0.19
0.18
0.17
Figure 21. TIMER Low Threshold vs. Temperature


Similar Part No. - ADM1171_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1171-1AUJZ-RL7 AD-ADM1171-1AUJZ-RL7 Datasheet
255Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. 0
More results

Similar Description - ADM1171_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1171 AD-ADM1171 Datasheet
255Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. 0
ADM1172 AD-ADM1172 Datasheet
228Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
REV. 0
ADM1172 AD-ADM1172_15 Datasheet
264Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
REV. A
ADM1170 AD-ADM1170 Datasheet
266Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. 0
ADM1170 AD-ADM1170_15 Datasheet
248Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. A
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS24720 TI1-TPS24720 Datasheet
2Mb / 37P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com