Electronic Components Datasheet Search |
|
ADM1170 Datasheet(PDF) 9 Page - Analog Devices |
|
ADM1170 Datasheet(HTML) 9 Page - Analog Devices |
9 / 16 page Data Sheet ADM1170 Rev. A | Page 9 of 16 1.45 1.05 018 SUPPLY VOLTAGE (V) 2 4 6 8 10 12 14 16 TA = 25°C 1.40 1.35 1.30 1.25 1.20 1.15 1.10 LOW THRESHOLD HIGH THRESHOLD Figure 22. ON (ON-CLR) Pin Threshold vs. Supply Voltage 1.45 1.05 –50 150 TEMPERATURE (°C) VCC = 5V –25 0 25 50 75 100 125 1.40 1.35 1.30 1.25 1.20 1.15 1.10 HIGH THRESHOLD LOW THRESHOLD Figure 23. ON (ON-CLR) Pin Threshold vs. Temperature 80 0 018 SUPPLY VOLTAGE (V) 2 4 6 8 10 12 14 16 TA = 25°C 70 60 50 40 30 20 10 Figure 24. tOFF(ONLOW) vs. Supply Voltage 80 0 –50 150 TEMPERATURE (°C) –25 0 25 50 75 100 125 VCC = 15V VCC = 12V VCC = 5V VCC = 3V 70 60 50 40 30 20 10 Figure 25. tOFF(ONLOW) vs. Temperature 50 40 018 SUPPLY VOLTAGE (V) 49 48 47 46 45 44 43 42 41 2 4 6 8 10 12 14 16 Figure 26. Cct Breaker Voltage vs. Supply Voltage 50 0 –50 150 TEMPERATURE (°C) –25 0 25 50 75 100 125 45 40 35 30 25 20 15 10 5 Figure 27. Cct Breaker Voltage vs. Temperature |
Similar Part No. - ADM1170_15 |
|
Similar Description - ADM1170_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |