Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD12EB3 Datasheet(PDF) 8 Page - NEC

Part # RD12EB3
Description  500 mW DHD ZENER DIODE DO-35
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD12EB3 Datasheet(HTML) 8 Page - NEC

Back Button RD12EB3 Datasheet HTML 4Page - NEC RD12EB3 Datasheet HTML 5Page - NEC RD12EB3 Datasheet HTML 6Page - NEC RD12EB3 Datasheet HTML 7Page - NEC RD12EB3 Datasheet HTML 8Page - NEC RD12EB3 Datasheet HTML 9Page - NEC RD12EB3 Datasheet HTML 10Page - NEC RD12EB3 Datasheet HTML 11Page - NEC RD12EB3 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RD2.0E to RD200E
8
0.1
0.08
0.06
0.04
0.02
0
– 0.02
– 0.04
– 0.06
– 0.08
0
4
8
12 16 20242832 36 40 44
– 40
– 32
– 24
– 16
– 8
0
8
16
24
32
40
RD2.0E to RD39E
mV/˚C
%/˚C
VZ – Zener Voltage – V
TYP.
Fig. 14 ZENER VOLTAGE TEMPERATURE
COEFFICIENT vs. ZENER VOLTAGE
0.12
0.11
0.10
0.09
0
120 130
0
VZ – Zener Voltage – V
TYP.
Fig. 16 ZENER VOLTAGE TEMPERATURE
COEFFICIENT vs. ZENER VOLTAGE
0.08
0.07
0.06
RD130E to RD200E
mV/˚C
%/˚C
140 150 160 170 180 190 200
100
120
140
160
180
200
220
0.1
0
0
40
60
80
100
120
VZ – Zener Voltage – V
TYP.
Fig. 15 ZENER VOLTAGE TEMPERATURE
COEFFICIENT vs. ZENER VOLTAGE
%/˚C
mV/˚C
RD34E to RD120E
0.09
0.08
0.07
0.06
0.05
40
50
60
70
80
90 100 110 120
20


Similar Part No. - RD12EB3

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
RD12EB3 SEMTECH_ELEC-RD12EB3 Datasheet
477Kb / 8P
   ZENER DIODES
More results

Similar Description - RD12EB3

ManufacturerPart #DatasheetDescription
logo
NEC
RD39ES NEC-RD39ES Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
BZX55C2V4RL MOTOROLA-BZX55C2V4RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com