Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS9822-1 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. PS9822-1
Description  1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

PS9822-1 Datasheet(HTML) 6 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Preliminary Data Sheet PN10698EJ01V0DS
6
PS9822-1,-2
ELECTRICAL CHARACTERISTICS: L rank (TA =
−40 to +100°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.6
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25
°C
10
μA
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25
°C
30
pF
Detector High Level Output Current
IOH
VCC = VO = 5 V, VF = 0.8 V
1
100
μA
Low Level Output Voltage
*2
VOL
VCC = 5 V, IF = 5 mA, IOL = 13 mA
0.2
0.6
V
High Level Supply Current
ICCH
VCC = 5 V, IF = 0 mA, VO = Open
2.5
mA/ch
Low Level Supply Current
ICCL
VCC = 5 V, IF = 10 mA, VO = Open
3.5
Coupled Threshold Input Current
(H
→ L)
IFHL
VCC = 5 V, VO = 0.8 V, RL = 350
Ω
5
mA
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25
°C
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25
°C
0.6
pF
Propagation Delay Time
(H
→ L)
tPHL
VCC = 5 V, RL = 350
Ω, IF = 7.5 mA,
VTHHL = VTHLH = 1.5 V
500
ns
Propagation Delay Time
(L
→ H)
tPLH
700
Pulse Width Distortion
(PWD)
⏐tPHL-tPLH⏐ VCC = 5 V, RL = 350 Ω, IF = 7.5 mA,
VTHHL = VTHLH = 1.5 V
200
ns
*1 Typical values at TA = 25
°C
*2 Because VOL of 2 V or more may be output when LED current input and when output supply of VCC = 2.6 V or
less, it is important to confirm the characteristics (operation with the power supply on and off) during design,
before using this device.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn