Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9317L-V-E3 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PS9317L-V-E3
Description  HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9317L-V-E3 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS9317L-V-E3 Datasheet HTML 2Page - Renesas Technology Corp PS9317L-V-E3 Datasheet HTML 3Page - Renesas Technology Corp PS9317L-V-E3 Datasheet HTML 4Page - Renesas Technology Corp PS9317L-V-E3 Datasheet HTML 5Page - Renesas Technology Corp PS9317L-V-E3 Datasheet HTML 6Page - Renesas Technology Corp PS9317L-V-E3 Datasheet HTML 7Page - Renesas Technology Corp PS9317L-V-E3 Datasheet HTML 8Page - Renesas Technology Corp PS9317L-V-E3 Datasheet HTML 9Page - Renesas Technology Corp PS9317L-V-E3 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet PN10690EJ04V0DS
6
PS9317L,PS9317L2
*1 Typical values at TA = 25
°C.
*2 Because VOL of 2 V or more may be output when the LED current is input and when output supply of VCC = 2.6 V
or less, it is important to confirm the characteristics (operation with the power supply on and off) during design,
before using this device.
*3 Test circuit for propagation delay time
Output
Input
Remark CL includes probe and stray wiring capacitance.
Input
(monitor)
Pulse input (IF)
(PW = 1 s,
Duty cycle = 1/10)
μ
1.5 V
VOH
VOL
tPHL
tPLH
(IF = 7.5 mA)
50%
0 V
5 V
51
Ω
RL = 350
Ω
VO (monitor)
VCC = 5 V
0.1 F
μ
CL = 15 pF
6
5
4
SHIELD
1
2
3
*4 Test circuit for common mode transient immunity
Remark CL includes probe and stray wiring capacitance.
90%
10%
0 V
VOH
2 V
0.8 V
VOL
VCM
VO
(IF = 0 mA)
VO
(IF = 7.5 mA)
tr
tf
VCM
SW IF
RL = 350
Ω
VO (monitor)
VCC = 5 V
0.1 F
μ
CL = 15 pF
6
5
4
SHIELD
2
1
3
+
VCM = 1.5 kV
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of more than 0.1
μF is used between VCC and GND near device. Also, ensure that the
distance between the leads of the photocoupler and capacitor is no more than 10 mm.
3. Pin 2 (which is an NC
*1 pin) can either be connected directly to the GND pin on the LED side or left open.
Unconnected pins should not be used as a bypass for signals or for any other similar purpose because this may
degrade the internal noise environment of the device.
*1 NC: Not connected (No connection)
4. Avoid storage at a high temperature and high humidity.
<R>


Similar Part No. - PS9317L-V-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9317L-V-AX CEL-PS9317L-V-AX Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9317L-V-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9317L CEL-PS9317L Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9324L CEL-PS9324L Datasheet
719Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9324L RENESAS-PS9324L_15 Datasheet
338Kb / 19P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
PS9313L RENESAS-PS9313L Datasheet
181Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS8302L CEL-PS8302L Datasheet
223Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8302L RENESAS-PS8302L Datasheet
234Kb / 18P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS8302 CEL-PS8302 Datasheet
614Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9313L CEL-PS9313L Datasheet
228Kb / 17P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE, HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9687L1 CEL-PS9687L1 Datasheet
409Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
PS9924 CEL-PS9924 Datasheet
636Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com