Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9402-V-E3 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PS9402-V-E3
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9402-V-E3 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PS9402-V-E3 Datasheet HTML 7Page - Renesas Technology Corp PS9402-V-E3 Datasheet HTML 8Page - Renesas Technology Corp PS9402-V-E3 Datasheet HTML 9Page - Renesas Technology Corp PS9402-V-E3 Datasheet HTML 10Page - Renesas Technology Corp PS9402-V-E3 Datasheet HTML 11Page - Renesas Technology Corp PS9402-V-E3 Datasheet HTML 12Page - Renesas Technology Corp PS9402-V-E3 Datasheet HTML 13Page - Renesas Technology Corp PS9402-V-E3 Datasheet HTML 14Page - Renesas Technology Corp PS9402-V-E3 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
PS9402
Chapter Title
R08DS0014EJ0100 Rev.1.00
Page 11 of 22
Jun 22, 2012
TEST CIRCUIT 4
VS
VCC1
Fault
VS
Cathode
Anode
Anode
Cathode
VE
VLED
Desat
VCC2
VEE
VO
Vclamp
VEE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
10
Ω
10 nF
+
SCOPE
VS
VCC1
Fault
VS
Cathode
Anode
Anode
Cathode
VE
VLED
Desat
VCC2
VEE
VO
Vclamp
VEE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
10
Ω
10 nF
+
SCOPE
2.1 k
Ω
SCOPE
VS
VCC1
Fault
VS
Cathode
Anode
Anode
Cathode
VE
VLED
Desat
VCC2
VEE
VO
Vclamp
VEE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
10
Ω
10 nF
+
2.1 k
Ω
SCOPE
VS
VCC1
Fault
VS
Cathode
Anode
Anode
Cathode
VE
VLED
Desat
VCC2
VEE
VO
Vclamp
VEE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
10
Ω
10 nF
+
VOH
VOL
1 V
15 V
1 500 V
VCM
0 V
VO
(CMH: IF = 10 mA)
VO
(CML: IF = 0 mA)
tr
tf
90%
10%
GND
OPEN
0.8 V
2 V
1 500 V
VCM
0 V
VFAULT
(CMH: IF = 10 mA, DESAT)
VFAULT
(CML: IF = 0 mA, DESAT)
tr
tf
90%
10%
VCC2
VCC2
VCC1
VCC2
100 pF
VCC1
VCC2
0.1 F
μ
0.1 F
μ
0.1 F
μ
0.1 F
μ
0.1 F
μ
0.1 F
μ
Fig. 19 CMH Test Circuit (LED1 ON)
Fig. 21 CMH Test Circuit (LED2 ON)
Fig. 23 CMH, CML Test Wave Forms
(LED1 ON, OFF)
Fig. 24 CMH, CML Test Wave Forms
(LED2 ON, OFF)
Fig. 22 CML Test Circuit (LED2 OFF)
Fig. 20 CML Test Circuit (LED1 OFF)
<R>


Similar Part No. - PS9402-V-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9402-V-E3 RENESAS-PS9402-V-E3 Datasheet
342Kb / 17P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS9402-V-E3 CEL-PS9402-V-E3 Datasheet
4Mb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
PS9402-V-E3-AX CEL-PS9402-V-E3-AX Datasheet
4Mb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
More results

Similar Description - PS9402-V-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9402 CEL-PS9402 Datasheet
4Mb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9402 RENESAS-PS9402 Datasheet
342Kb / 17P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9331L RENESAS-PS9331L_15 Datasheet
360Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9331L CEL-PS9331L Datasheet
2Mb / 12P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9305L CEL-PS9305L Datasheet
267Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9305L RENESAS-PS9305L Datasheet
305Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com