Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9317L2-E3 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS9317L2-E3
Description  HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9317L2-E3 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS9317L2-E3 Datasheet HTML 1Page - Renesas Technology Corp PS9317L2-E3 Datasheet HTML 2Page - Renesas Technology Corp PS9317L2-E3 Datasheet HTML 3Page - Renesas Technology Corp PS9317L2-E3 Datasheet HTML 4Page - Renesas Technology Corp PS9317L2-E3 Datasheet HTML 5Page - Renesas Technology Corp PS9317L2-E3 Datasheet HTML 6Page - Renesas Technology Corp PS9317L2-E3 Datasheet HTML 7Page - Renesas Technology Corp PS9317L2-E3 Datasheet HTML 8Page - Renesas Technology Corp PS9317L2-E3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet PN10690EJ04V0DS
5
PS9317L,PS9317L2
ELECTRICAL CHARACTERISTICS (TA =
−40 to +85°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.2
1.56
1.9
V
Reverse Current
IR
VR = 3 V, TA = 25
°C
10
μA
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25
°C
30
pF
Detector High Level Output Current
IOH
VCC = VO = 5.5 V, VF = 0.8 V
1
100
μA
Low Level Output Voltage
*2
VOL
VCC = 5.5 V, IF = 5 mA, IOL = 13 mA
0.16
0.6
V
High Level Supply Current
ICCH
VCC = 5.5 V, IF = 0 mA, VO = open
3.5
7
mA
Low Level Supply Current
ICCL
VCC = 5.5 V, IF = 10 mA, VO = open
6.5
10
mA
Coupled Threshold Input Current
IFHL
VCC = 5 V, VO = 0.8 V, RL = 350
Ω
2
5
mA
(H
→ L)
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25
°C
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25
°C
0.7
pF
Propagation Delay Time
tPHL
VCC = 5 V, RL = 350
Ω, CL = 15 pF,
40
75
ns
(H
→ L) *3
IF = 7.5 mA, VTHHL = VTHLH = 1.5 V
Propagation Delay Time
tPLH
35
75
(L
→ H) *3
Rise Time
tr
20
Fall Time
tf
5
Pulse Width Distortion
(PWD)
⏐tPHL−tPLH
5
35
Propagation Delay Skew
tPSK
40
Common Mode
Transient Immunity at High
Level Output
*4
CMH
VCC = 5 V, RL = 350
Ω, TA = 25°C,
IF = 0 mA, VO
> 2 V, VCM = 1.5 kV
15
kV/
μs
Common Mode
Transient Immunity at Low
Level Output
*4
CML
VCC = 5 V, RL = 350
Ω, TA = 25°C,
IF = 7.5 mA, VO
< 0.8 V, VCM = 1.5 kV
15
kV/
μs
<R>


Similar Part No. - PS9317L2-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9317L2-E3 CEL-PS9317L2-E3 Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9317L2-E3-AX CEL-PS9317L2-E3-AX Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9317L2-E3-V CEL-PS9317L2-E3-V Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9317L2-E3-V-AX CEL-PS9317L2-E3-V-AX Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9317L2-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9317L CEL-PS9317L Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9324L CEL-PS9324L Datasheet
719Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9324L RENESAS-PS9324L_15 Datasheet
338Kb / 19P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
PS9313L RENESAS-PS9313L Datasheet
181Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS8302L CEL-PS8302L Datasheet
223Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8302L RENESAS-PS8302L Datasheet
234Kb / 18P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS8302 CEL-PS8302 Datasheet
614Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9313L CEL-PS9313L Datasheet
228Kb / 17P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE, HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9687L1 CEL-PS9687L1 Datasheet
409Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
PS9924 CEL-PS9924 Datasheet
636Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com