Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9506 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # PS9506
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9506 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button PS9506_15 Datasheet HTML 10Page - Renesas Technology Corp PS9506_15 Datasheet HTML 11Page - Renesas Technology Corp PS9506_15 Datasheet HTML 12Page - Renesas Technology Corp PS9506_15 Datasheet HTML 13Page - Renesas Technology Corp PS9506_15 Datasheet HTML 14Page - Renesas Technology Corp PS9506_15 Datasheet HTML 15Page - Renesas Technology Corp PS9506_15 Datasheet HTML 16Page - Renesas Technology Corp PS9506_15 Datasheet HTML 17Page - Renesas Technology Corp PS9506_15 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Preliminary document
PS9506,PS9506L1,PS9506L2,PS9506L3
Chapter Title
R08DS0018EJ0100 Rev.1.00
Page 14 of 20
Nov 10, 2011
TAPING SPECIFICATIONS (UNIT: mm)
2.05±0.05
2.0±0.1
4.0±0.1
10.7±0.1
12.0±0.1
1.5
+0.1
–0
4.5 MAX.
4.1±0.1
0.3±0.05
Tape Direction
PS9506L2-E3
Outline and Dimensions (Tape)
Outline and Dimensions (Reel)
Packing: 1 000 pcs/reel
2.0±0.5
13.0±0.2
R 1.0
21.0±0.8
2.0±0.5
23.9 to 27.4
Outer edge of
flange
25.5±1.0
29.5±1.0


Similar Part No. - PS9506_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9506L1 RENESAS-PS9506L1 Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9506L1 CEL-PS9506L1 Datasheet
3Mb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9506L1-AX CEL-PS9506L1-AX Datasheet
3Mb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9506L1-V RENESAS-PS9506L1-V Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9506L1-V CEL-PS9506L1-V Datasheet
3Mb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9506_15

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9506 CEL-PS9506 Datasheet
3Mb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9506 RENESAS-PS9506 Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505 CEL-PS9505 Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9531 RENESAS-PS9531_15 Datasheet
657Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com