Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9309L2-E3 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PS9309L2-E3
Description  LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9309L2-E3 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PS9309L2-E3 Datasheet HTML 7Page - Renesas Technology Corp PS9309L2-E3 Datasheet HTML 8Page - Renesas Technology Corp PS9309L2-E3 Datasheet HTML 9Page - Renesas Technology Corp PS9309L2-E3 Datasheet HTML 10Page - Renesas Technology Corp PS9309L2-E3 Datasheet HTML 11Page - Renesas Technology Corp PS9309L2-E3 Datasheet HTML 12Page - Renesas Technology Corp PS9309L2-E3 Datasheet HTML 13Page - Renesas Technology Corp PS9309L2-E3 Datasheet HTML 14Page - Renesas Technology Corp PS9309L2-E3 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PS9309L, PS9309L2
Chapter Title
R08DS0047EJ0100 Rev.1.00
Page 11 of 16
Mar 28, 2014
PS9309L2-E3
2.0±0.5
13.0±0.2
R 1.0
21.0±0.8
2.0±0.5
25.5±1.0
29.5±1.0
2.0±0.1
4.0±0.1
5.08±0.1
8.0±0.1
2.0
+0.1
–0
1.5
+0.1
–0
4.5 MAX.
0.35
Outline and Dimensions (Tape)
Outline and Dimensions (Reel)
Tape Direction
Packing: 2 000 pcs/reel


Similar Part No. - PS9309L2-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9309L2-E3 RENESAS-PS9309L2-E3 Datasheet
273Kb / 14P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9309L2-E3 CEL-PS9309L2-E3 Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9309L2-E3-AX CEL-PS9309L2-E3-AX Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9309L2-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9309L RENESAS-PS9309L Datasheet
273Kb / 14P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9309L CEL-PS9309L Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
COSMO Electronics Corp...
K1010T COSMO-K1010T Datasheet
945Kb / 11P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9303L CEL-PS9303L Datasheet
987Kb / 16P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9009 RENESAS-PS9009 Datasheet
859Kb / 16P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
   LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com