Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HUF76145P3 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HUF76145P3
Description  75A, 30V, 0.0045 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HUF76145P3 Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
6-180
SWITCHING SPECIFICATIONS (VGS = 10V)
Turn-On Time
tON
VDD = 15V, ID ≅ 75A,
RL = 0.20Ω, VGS = 10V,
RGS = 2.2Ω
(Figures 16, 20, 21)
-
-
110
ns
Turn-On Delay Time
td(ON)
-16-
ns
Rise Time
tr
-57-
ns
Turn-Off Delay Time
td(OFF)
-53-
ns
Fall Time
tf
-38-
ns
Turn-Off Time
tOFF
-
-
135
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V
VDD = 15V,
ID ≅ 75A,
RL = 0.20Ω
Ig(REF) = 1.0mA
(Figures 14, 19, 20)
-
130
156
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
73
88
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
4.65
5.6
nC
Gate to Source Gate Charge
Qgs
-
12.30
-
nC
Gate to Drain “Miller” Charge
Qgd
-
40.00
-
nC
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 13)
-
4900
-
pF
Output Capacitance
COSS
-
2520
-
pF
Reverse Transfer Capacitance
CRSS
-
560
-
pF
Electrical Specifications
TA = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 75A
-
-
1.25
V
Reverse Recovery Time
trr
ISD = 75A, dISD/dt = 100A/µs
-
-
115
ns
Reverse Recovered Charge
QRR
ISD = 75A, dISD/dt = 100A/µs
-
-
255
nC
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
40
0
25
50
75
100
125
TC, CASE TEMPERATURE (
oC)
80
150
20
60
VGS=10V
VGS=4.5V
50
HUF76145P3, HUF76145S3S


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn