Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HUF76145P3 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. HUF76145P3
Description  75A, 30V, 0.0045 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HUF76145P3 Datasheet(HTML) 2 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
6-179
Absolute Maximum Ratings
TC =25
oC, Unless Otherwise Specified
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDSS
30
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
30
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±16
V
Drain Current
Continuous (TC = 25
oC, V
GS = 10V) (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TC = 100
oC, V
GS = 5V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TC = 100
oC, V
GS = 4.5V) (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
75
75
75
Figure 4
A
A
A
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Figures 6, 17, 18
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
270
2.17
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-40 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC.
Electrical Specifications
TA = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFF STATE SPECIFICATIONS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 12)
30
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 25V, VGS = 0V
-
-
1
µA
VDS = 25V, VGS = 0V, TC = 150
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±16V
-
-
±100
nA
ON STATE SPECIFICATIONS
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 11)
1
-
3
V
Drain to Source On Resistance
rDS(ON)
ID = 75A, VGS = 10V (Figure 9, 10)
-
0.0035
0.0045
ID = 75A, VGS = 5V (Figure 9)
-
0.0043
0.0058
ID = 75A, VGS = 4.5V (Figure 9)
-
0.0046
0.0065
THERMAL SPECIFICATIONS
Thermal Resistance Junction to Case
RθJC
(Figure 3)
-
-
0.46
oC/W
Thermal Resistance Junction to Ambient
RθJA
TO-220 and TO-263
-
-
62
oC/W
SWITCHING SPECIFICATIONS (VGS = 4.5V)
Turn-On Time
tON
VDD = 15V, ID ≅ 75A,
RL = 0.20Ω, VGS = 4.5V,
RGS = 2.5Ω
(Figures 15, 20, 21)
-
-
255
ns
Turn-On Delay Time
td(ON)
-26-
ns
Rise Time
tr
-
145
-
ns
Turn-Off Delay Time
td(OFF)
-35-
ns
Fall Time
tf
-39-
ns
Turn-Off Time
tOFF
-
-
110
ns
HUF76145P3, HUF76145S3S


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn