Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HUF76145P3 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HUF76145P3
Description  75A, 30V, 0.0045 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76145P3 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HUF76145P3 Datasheet HTML 2Page - Intersil Corporation HUF76145P3 Datasheet HTML 3Page - Intersil Corporation HUF76145P3 Datasheet HTML 4Page - Intersil Corporation HUF76145P3 Datasheet HTML 5Page - Intersil Corporation HUF76145P3 Datasheet HTML 6Page - Intersil Corporation HUF76145P3 Datasheet HTML 7Page - Intersil Corporation HUF76145P3 Datasheet HTML 8Page - Intersil Corporation HUF76145P3 Datasheet HTML 9Page - Intersil Corporation HUF76145P3 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6-183
FIGURE 13. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Intersil Application Notes AN7254 and AN7260.
FIGURE 14. GATE CHARGE WAVEFORMS FOR CONSTANT
GATE CURRENT
FIGURE 15. SWITCHING TIME vs GATE RESISTANCE
FIGURE 16. SWITCHING TIME vs GATE RESISTANCE
Test Circuits and Waveforms
FIGURE 17. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 18. UNCLAMPED ENERGY WAVEFORMS
Typical Performance Curves (Continued)
COSS
8000
4000
0
0
5
15
25
6000
VDS, DRAIN TO SOURCE VOLTAGE (V)
2000
30
CISS
CRSS
10
20
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
10
8
6
4
0
VDD = 15V
2
120
160
0
Qg, GATE CHARGE (nC)
40
ID = 75A
ID = 50A
ID = 25A
WAVEFORMS IN
DESCENDING ORDER:
80
200
20
30
40
50
0
1200
800
400
0
10
RGS, GATE TO SOURCE RESISTANCE (Ω)
td(OFF
td(ON)
tr
tf
VGS = 4.5V, VDD = 15V, ID = 75A, RL= 0.20 Ω
1000
600
400
20
30
40
50
0
1000
800
600
0
10
RGS, GATE TO SOURCE RESISTANCE (Ω)
td(OFF)
td(ON)
tr
tf
VGS = 10V, VDD = 15V, ID = 75A, RL= 0.20 Ω
200
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
HUF76145P3, HUF76145S3S


Similar Part No. - HUF76145P3

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
HUF76145P3 FAIRCHILD-HUF76145P3 Datasheet
219Kb / 11P
   75A, 30V, 0.0045 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

Similar Description - HUF76145P3

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
HUF76145P3 FAIRCHILD-HUF76145P3 Datasheet
219Kb / 11P
   75A, 30V, 0.0045 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Intersil Corporation
Intersil Corporation
HUF76137P3 INTERSIL-HUF76137P3 Datasheet
108Kb / 10P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Fairchild Semiconductor
Fairchild Semiconductor
HUF76143P3 FAIRCHILD-HUF76143P3 Datasheet
287Kb / 11P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Intersil Corporation
Intersil Corporation
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76139P3 INTERSIL-HUF76139P3 Datasheet
121Kb / 10P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Fairchild Semiconductor
Fairchild Semiconductor
HUF76132P3 FAIRCHILD-HUF76132P3 Datasheet
287Kb / 11P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Intersil Corporation
Intersil Corporation
HUF76143P3 INTERSIL-HUF76143P3 Datasheet
109Kb / 10P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Fairchild Semiconductor
Fairchild Semiconductor
HUF76137P3 FAIRCHILD-HUF76137P3 Datasheet
289Kb / 11P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76139P3 FAIRCHILD-HUF76139P3 Datasheet
293Kb / 11P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
ISL9N7030BLP3 FAIRCHILD-ISL9N7030BLP3 Datasheet
197Kb / 10P
   30V, 0.009 Ohm, 75A, N-Channel Logic Level UltraFET Trench Power MOSFETs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz