Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9309L2 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PS9309L2
Description  LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9309L2 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PS9309L2 Datasheet HTML 5Page - Renesas Technology Corp PS9309L2 Datasheet HTML 6Page - Renesas Technology Corp PS9309L2 Datasheet HTML 7Page - Renesas Technology Corp PS9309L2 Datasheet HTML 8Page - Renesas Technology Corp PS9309L2 Datasheet HTML 9Page - Renesas Technology Corp PS9309L2 Datasheet HTML 10Page - Renesas Technology Corp PS9309L2 Datasheet HTML 11Page - Renesas Technology Corp PS9309L2 Datasheet HTML 12Page - Renesas Technology Corp PS9309L2 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PS9309L, PS9309L2
Chapter Title
R08DS0047EJ0100 Rev.1.00
Page 9 of 16
Mar 28, 2014
Remark The graphs indicate nominal characteristics.
–50
25
75
100
0
–25
0
50
510
15
20
0
25
2.5
-50
-25
0
25
50
75
100
125
3.7
3.5
3.3
3.1
2.9
2.7
17.0
-50
-25
0
25
50
75
100
125
20.0
19.5
19.0
18.5
18.0
17.5
50
100
150
200
0
510
15
20
0
25
25
50
75
100
0
50
100
150
200
0
25
50
75
100
125
–50
25
75
100
–25
0
50
125
VCC = 4.5 V,
CL = 15 pF
VCC = 4.5 V,
IF = 4
0 mA,
CL = 15 pF
VCC = 4.5 V
IO = -2.6 mA
IF = 4 mA
VCC = 20 V
IO = -2.6 mA
IF = 4 mA
tPHL
tPLH
tPHL
tPLH
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
Forward Current IF (mA)
Forward Current IF (mA)
PROPAGATION DELAY TIME
vs. AMBIENT TEMPERATURE
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
PROPAGATION DELAY TIME
vs. FORWARD CURRENT
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
HIGH LEVEL OUTPUT VOLTAGE
vs. AMBIENT TEMPERATURE
HIGH LEVEL OUTPUT VOLTAGE
vs. AMBIENT TEMPERATURE
VCC = 4.5 V,
CL = 15 pF
VCC = 4.5 V,
IF = 4
0 mA,
CL = 15 pF


Similar Part No. - PS9309L2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9309L2 RENESAS-PS9309L2 Datasheet
273Kb / 14P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9309L2 CEL-PS9309L2 Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9309L2-AX CEL-PS9309L2-AX Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9309L2-E3 RENESAS-PS9309L2-E3 Datasheet
273Kb / 14P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9309L2-E3 CEL-PS9309L2-E3 Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9309L2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9309L RENESAS-PS9309L Datasheet
273Kb / 14P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9309L CEL-PS9309L Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
COSMO Electronics Corp...
K1010T COSMO-K1010T Datasheet
945Kb / 11P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9303L CEL-PS9303L Datasheet
987Kb / 16P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9009 RENESAS-PS9009 Datasheet
859Kb / 16P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
   LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com