Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W632GU8KB15I Datasheet(PDF) 4 Page - Winbond

Part # W632GU8KB15I
Description  32M X 8 BANKS X 8 BIT DDR3L SDRAM
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W632GU8KB15I Datasheet(HTML) 4 Page - Winbond

  W632GU8KB15I Datasheet HTML 1Page - Winbond W632GU8KB15I Datasheet HTML 2Page - Winbond W632GU8KB15I Datasheet HTML 3Page - Winbond W632GU8KB15I Datasheet HTML 4Page - Winbond W632GU8KB15I Datasheet HTML 5Page - Winbond W632GU8KB15I Datasheet HTML 6Page - Winbond W632GU8KB15I Datasheet HTML 7Page - Winbond W632GU8KB15I Datasheet HTML 8Page - Winbond W632GU8KB15I Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 160 page
background image
W632GU8KB
Publication Release Date: Jan. 20, 2015
Revision: A05
- 4 -
10.15.2
DDR3L-1600 Speed Bin and Operating Conditions .......................................................134
10.15.3
DDR3L-1866 Speed Bin and Operating Conditions .......................................................135
10.15.4
Speed Bin General Notes ..............................................................................................136
10.16
AC Characteristics ...................................................................................................................137
10.16.1
AC Timing and Operating Condition for -11 speed grade ..............................................137
10.16.2
AC Timing and Operating Condition for -12/12I/-15/15I speed grades...........................141
10.16.3
Timing Parameter Notes ................................................................................................145
10.16.4
Address / Command Setup, Hold and Derating .............................................................148
10.16.5
Data Setup, Hold and Slew Rate Derating .....................................................................155
11.
Backward Compatible to 1.5V DDR3 SDRAM VDD/VDDQ Requirements .......................................157
11.1
Input/Output Functional .....................................................................................................................157
11.2
Recommended DC Operating Conditions - DDR3L (1.35V) operation..............................................157
11.3
Recommended DC Operating Conditions - DDR3 (1.5V) operation..................................................157
11.4
VDDQ/VDDQ Voltage Switch between DDR3L and DDR3 ...............................................................157
12.
PACKAGE SPECIFICATION ............................................................................................................159
13.
REVISION HISTORY ........................................................................................................................160


Similar Part No. - W632GU8KB15I

ManufacturerPart #DatasheetDescription
logo
Winbond
W632GU6KB WINBOND-W632GU6KB Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GU6KB-11 WINBOND-W632GU6KB-11 Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GU6KB-12 WINBOND-W632GU6KB-12 Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GU6KB-15 WINBOND-W632GU6KB-15 Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GU6KB12I WINBOND-W632GU6KB12I Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
More results

Similar Description - W632GU8KB15I

ManufacturerPart #DatasheetDescription
logo
Winbond
W632GG8KB WINBOND-W632GG8KB Datasheet
3Mb / 159P
   32M X 8 BANKS X 8 BIT DDR3 SDRAM
W972GG8JB WINBOND-W972GG8JB_12 Datasheet
1Mb / 87P
   32M x 8 BANKS x 8 BIT DDR2 SDRAM
logo
Elite Semiconductor Mem...
M15T2G8256A ESMT-M15T2G8256A Datasheet
4Mb / 140P
   32M x 8 Bit x 8 Banks DDR3(L) SDRAM
logo
Winbond
W632GU6KB WINBOND-W632GU6KB Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
logo
Elite Semiconductor Mem...
M16U4G16256A ESMT-M16U4G16256A Datasheet
1Mb / 53P
   32M x 16 Bit x 8 Banks DDR4 SDRAM
M15F4G16256A ESMT-M15F4G16256A Datasheet
7Mb / 164P
   32M x 16 Bit x 8 Banks DDR3 SDRAM
M15T4G16256A ESMT-M15T4G16256A Datasheet
8Mb / 174P
   32M x 16 Bit x 8 Banks DDR3(L) SDRAM
logo
Winbond
W972GG8JB-3-TR WINBOND-W972GG8JB-3-TR Datasheet
1Mb / 87P
   32M 8 BANKS 8 BIT DDR2 SDRAM
W972GG8JB WINBOND-W972GG8JB Datasheet
1Mb / 86P
   32M ??8 BANKS ??8 BIT DDR2 SDRAM
W971GG8JB WINBOND-W971GG8JB_12 Datasheet
1Mb / 87P
   16M x 8 BANKS x 8 BIT DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com