Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9306L Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PS9306L
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9306L Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PS9306L Datasheet HTML 7Page - Renesas Technology Corp PS9306L Datasheet HTML 8Page - Renesas Technology Corp PS9306L Datasheet HTML 9Page - Renesas Technology Corp PS9306L Datasheet HTML 10Page - Renesas Technology Corp PS9306L Datasheet HTML 11Page - Renesas Technology Corp PS9306L Datasheet HTML 12Page - Renesas Technology Corp PS9306L Datasheet HTML 13Page - Renesas Technology Corp PS9306L Datasheet HTML 14Page - Renesas Technology Corp PS9306L Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
PS9306L,PS9306L2
Chapter Title
R08DS0017EJ0100 Rev.1.00
Page 11 of 19
Nov 10, 2011
VCC = 30 V,
VO = OPEN
3
2.5
2
1.5
1
0.5
0
–25
25
50
75
125
100
–50
0
ICCL (IF = 0 mA)
ICCH (IF = 10 mA)
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–25
25
50
75
125
100
–50
0
VCC = 30 V,
IF = 0 mA,
VOL = 2.5 V
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VCC = 30 V,
IF = 10 mA,
(VCC – VOH) = 4 V
–25
25
50
75
125
100
–50
0
HIGH LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
LOW LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
High Level Output Current IOH (A)
Ambient Temperature TA (
°C)
Low Level Output Current IOL (A)
LOW LEVEL OUTPUT VOLTAGE vs.
LOW LEVEL OUTPUT CURRENT
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
HIGH LEVEL OUTPUT VOLTAGE SUPPLY
VOLTAGE vs. HIGH LEVEL OUTPUT CURRENT
0
0.1
0.2
0.3
0.4
0.5
0.6
–25
25
50
75
125
100
–50
0
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VCC = 30 V,
IF = 0 mA,
IO = 100 mA
VCC = 30 V,
IF = 10 mA
VCC = 30 V,
IF = 0 mA
0
–1
–2
–3
–4
–5
0
0.1
0.2
0.3
0.4
0.5
0.6
4
3
2
1
0
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS9306L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9306L RENESAS-PS9306L Datasheet
330Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9306L CEL-PS9306L Datasheet
3Mb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L-AX CEL-PS9306L-AX Datasheet
3Mb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9306L-E3 RENESAS-PS9306L-E3 Datasheet
330Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9306L-E3 CEL-PS9306L-E3 Datasheet
3Mb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9306L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9306L RENESAS-PS9306L_15 Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307AL RENESAS-PS9307AL Datasheet
249Kb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
Dec 16, 2021
logo
California Eastern Labs
PS9307AL CEL-PS9307AL Datasheet
2Mb / 12P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L CEL-PS9307L Datasheet
1Mb / 6P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9307AL RENESAS-PS9307AL_15 Datasheet
372Kb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9306L CEL-PS9306L Datasheet
3Mb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9306L RENESAS-PS9306L Datasheet
330Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L RENESAS-PS9307L Datasheet
288Kb / 14P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L RENESAS-PS9307L_15 Datasheet
281Kb / 14P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9308L CEL-PS9308L Datasheet
992Kb / 22P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com