Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9303L2 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PS9303L2
Description  1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9303L2 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PS9303L2 Datasheet HTML 4Page - Renesas Technology Corp PS9303L2 Datasheet HTML 5Page - Renesas Technology Corp PS9303L2 Datasheet HTML 6Page - Renesas Technology Corp PS9303L2 Datasheet HTML 7Page - Renesas Technology Corp PS9303L2 Datasheet HTML 8Page - Renesas Technology Corp PS9303L2 Datasheet HTML 9Page - Renesas Technology Corp PS9303L2 Datasheet HTML 10Page - Renesas Technology Corp PS9303L2 Datasheet HTML 11Page - Renesas Technology Corp PS9303L2 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Data Sheet PN10694EJ04V0DS
8
PS9303L,PS9303L2
Forward Current IF (mA)
PROPAGATION DELAY TIME
vs. AMBIENT TEMPERATURE
Load Capacitance CL (pF)
PROPAGATION DELAY TIME
vs. LOAD CAPACITANCE
Forward Current IF (mA)
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
PROPAGATION DELAY TIME
vs. FORWARD CURRENT
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
510
15
20
VCC = 20 V,
CL = 100 pF
0
100
200
300
400
500
600
tPHL
tPLH
25
510
15
20
25
0
10
80
40
90
100
20
30
70
50
60
VCC = 20 V,
CL = 100 pF
–50
25
75
100
VCC = 20 V,
IF = 10
0 mA,
CL = 100 pF
0
100
200
300
400
500
600
tPHL
tPLH
–25
0
50
–50
–25
0
25
50
100
90
80
70
60
50
40
30
20
10
0
75
100
VCC = 20 V,
IF = 10
0 mA,
CL = 100 pF
0
100
200
300
400
500
600
100
200
300
400
500
tPHL
tPLH
VCC = 20 V,
IF = 10
0 mA
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS9303L2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9303L2 CEL-PS9303L2 Datasheet
987Kb / 16P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
PS9303L2-AX CEL-PS9303L2-AX Datasheet
987Kb / 16P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
PS9303L2-E3 CEL-PS9303L2-E3 Datasheet
987Kb / 16P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
PS9303L2-E3-AX CEL-PS9303L2-E3-AX Datasheet
987Kb / 16P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
PS9303L2-V CEL-PS9303L2-V Datasheet
987Kb / 16P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9303L2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9303L CEL-PS9303L Datasheet
987Kb / 16P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
   LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
RV1S9213A RENESAS-RV1S9213A Datasheet
6Mb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER,
Nov 11,2019
PS9309L RENESAS-PS9309L_15 Datasheet
516Kb / 18P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9309L RENESAS-PS9309L Datasheet
273Kb / 14P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9009 RENESAS-PS9009 Datasheet
859Kb / 16P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
logo
California Eastern Labs
PS9309L CEL-PS9309L Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
K1010T COSMO-K1010T Datasheet
945Kb / 11P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com