Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W632GG6KB-15 Datasheet(PDF) 10 Page - Winbond

Part # W632GG6KB-15
Description  16M X 8 BANKS X 16 BIT DDR3 SDRAM
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W632GG6KB-15 Datasheet(HTML) 10 Page - Winbond

Back Button W632GG6KB-15 Datasheet HTML 6Page - Winbond W632GG6KB-15 Datasheet HTML 7Page - Winbond W632GG6KB-15 Datasheet HTML 8Page - Winbond W632GG6KB-15 Datasheet HTML 9Page - Winbond W632GG6KB-15 Datasheet HTML 10Page - Winbond W632GG6KB-15 Datasheet HTML 11Page - Winbond W632GG6KB-15 Datasheet HTML 12Page - Winbond W632GG6KB-15 Datasheet HTML 13Page - Winbond W632GG6KB-15 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 159 page
background image
W632GG6KB
Publication Release Date: Dec. 08, 2014
Revision: A04
- 10 -
E3, F7, F2, F8, H3,
H8, G2, H7
DQL0
−DQL7
Input/Output
Data Input/Output: Lower byte of Bi-directional data bus.
D7, C3, C8, C2, A7,
A2, B8, A3
DQU0
−DQU7
Input/Output
Data Input/Output: Upper byte of Bi-directional data bus.
F3, G3
DQSL, DQSL#
Input/Output
Lower byte data Strobe: Data Strobe output with read data, input with
write data of DQL[7:0]. Edge-aligned with read data, centered in write
data. DQSL is paired with DQSL# to provide differential pair signaling
to the system during read and write data transfer. DDR3 SDRAM
supports differential data strobe only and does not support single-
ended.
C7, B7
DQSU, DQSU#
Input/Output
Upper byte data Strobe: Data Strobe output with read data, input with
write data of DQU[7:0]. Edge-aligned with read data, centered in write
data. DQSU is paired with DQSU# to provide differential pair signaling
to the system during read and write data transfer. DDR3 SDRAM
supports differential data strobe only and does not support single-
ended.
B2, D9, G7, K2, K8,
N1, N9, R1, R9
VDD
Supply
Power Supply: 1.5V ± 0.075V.
A9, B3, E1, G8, J2,
J8, M1, M9, P1, P9,
T1, T9
VSS
Supply
Ground.
A1, A8, C1, C9, D2,
E9, F1, H2, H9
VDDQ
Supply
DQ Power Supply: 1.5V ± 0.075V.
B1, B9, D1, D8, E2,
E8, F9, G1, G9
VSSQ
Supply
DQ Ground.
H1
VREFDQ
Supply
Reference voltage for DQ.
M8
VREFCA
Supply
Reference voltage for Control, Command and Address inputs.
L8
ZQ
Supply
External reference ball for output drive and On-Die Termination
Impedance calibration: This ball needs an external 240
Ω ± 1%
external resistor (RZQ), connected from this ball to ground to perform
ZQ calibration.
J1, J9, L1, L9, M7,
T7
NC
No Connect: No internal electrical connection is present.
Note:
Input only balls (BA0-BA2, A0-A13, RAS#, CAS#, WE#, CS#, CKE, ODT and RESET#) do not supply termination.


Similar Part No. - W632GG6KB-15

ManufacturerPart #DatasheetDescription
logo
Winbond
W632GG8KB WINBOND-W632GG8KB Datasheet
3Mb / 159P
   32M X 8 BANKS X 8 BIT DDR3 SDRAM
W632GG8KB-11 WINBOND-W632GG8KB-11 Datasheet
3Mb / 159P
   32M X 8 BANKS X 8 BIT DDR3 SDRAM
W632GG8KB-12 WINBOND-W632GG8KB-12 Datasheet
3Mb / 159P
   32M X 8 BANKS X 8 BIT DDR3 SDRAM
W632GG8KB-15 WINBOND-W632GG8KB-15 Datasheet
3Mb / 159P
   32M X 8 BANKS X 8 BIT DDR3 SDRAM
W632GG8KB12I WINBOND-W632GG8KB12I Datasheet
3Mb / 159P
   32M X 8 BANKS X 8 BIT DDR3 SDRAM
More results

Similar Description - W632GG6KB-15

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M15F2G16128A ESMT-M15F2G16128A Datasheet
4Mb / 130P
   16M x 16 Bit x 8 Banks DDR3 SDRAM
M15T2G16128A ESMT-M15T2G16128A Datasheet
4Mb / 141P
   16M x 16 Bit x 8 Banks DDR3(L) SDRAM
logo
Winbond
W632GU6KB WINBOND-W632GU6KB Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
logo
Elite Semiconductor Mem...
M15F4G16256A ESMT-M15F4G16256A Datasheet
7Mb / 164P
   32M x 16 Bit x 8 Banks DDR3 SDRAM
M15F5121632A ESMT-M15F5121632A Datasheet
6Mb / 160P
   4M x 16 Bit x 8 Banks DDR3 SDRAM
M15F1G1664A ESMT-M15F1G1664A Datasheet
4Mb / 131P
   8M x 16 Bit x 8 Banks DDR3 SDRAM
M15T8G16512A ESMT-M15T8G16512A Datasheet
8Mb / 172P
   64M x 16 Bit x 8 Banks DDR3(L) SDRAM
M15T4G16256A ESMT-M15T4G16256A Datasheet
8Mb / 174P
   32M x 16 Bit x 8 Banks DDR3(L) SDRAM
M15T5121632A ESMT-M15T5121632A Datasheet
6Mb / 172P
   4M x 16 Bit x 8 Banks DDR3(L) SDRAM
M15T1G1664A ESMT-M15T1G1664A Datasheet
5Mb / 147P
   8M x 16 Bit x 8 Banks DDR3(L) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com