Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HUF76139P3 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HUF76139P3
Description  75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HUF76139P3 Datasheet(HTML) 6 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6-159
FIGURE 13. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Intersil Application Notes AN7254 and AN7260.
FIGURE 14. GATE CHARGE WAVEFORMS FOR CONSTANT
GATE CURRENT
FIGURE 15. SWITCHING TIME vs GATE RESISTANCE
FIGURE 16. SWITCHING TIME vs GATE RESISTANCE
Test Circuits and Waveforms
FIGURE 17. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 18. UNCLAMPED ENERGY WAVEFORMS
Typical Performance Curves (Continued)
0
1000
2000
3000
4000
0
5
10
15
20
25
30
CISS
COSS
CRSS
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
0
2
4
6
8
10
0
20406080
VDD = 15V
ID = 75A
ID = 50A
ID = 25A
WAVEFORMS IN
DESCENDING ORDER:
Qg, GATE CHARGE (nC)
0
200
400
600
800
0
1020304050
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 4.5V, VDD = 15V, ID = 61A, RL = 0.246Ω
tr
tf
td(OFF)
td(ON)
0
100
300
400
500
0
10
20
30
40
50
VGS = 10V, VDD = 15V, ID = 75A, RL= 0.2Ω
RGS, GATE TO SOURCE RESISTANCE (Ω)
200
tf
tr
td(OFF)
td(ON)
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
HUF76139P3, HUF76139S3S


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn