Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9122-F3 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS9122-F3
Description  1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9122-F3 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS9122-F3 Datasheet HTML 6Page - Renesas Technology Corp PS9122-F3 Datasheet HTML 7Page - Renesas Technology Corp PS9122-F3 Datasheet HTML 8Page - Renesas Technology Corp PS9122-F3 Datasheet HTML 9Page - Renesas Technology Corp PS9122-F3 Datasheet HTML 10Page - Renesas Technology Corp PS9122-F3 Datasheet HTML 11Page - Renesas Technology Corp PS9122-F3 Datasheet HTML 12Page - Renesas Technology Corp PS9122-F3 Datasheet HTML 13Page - Renesas Technology Corp PS9122-F3 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
500
450
400
350
300
250
200
150
100
50
0
–50
–25
0
25
50
75
100
–50
–25
0
25
50
75
100
–50
–25
0
25
50
75
100
125
125
–50
–25
0
25
50
75
100
125
125
–50
–25
0
25
50
75
100
125
–50
–25
0
25
50
75
100
125
200
180
160
140
120
100
80
60
40
20
0
Ambient Temperature TA (
°C)
PROPAGATION DELAY TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
PROPAGATION DELAY TIME vs.
AMBIENT TEMPERATURE
PULSE WIDTH DISTORTION vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
PULSE WIDTH DISTORTION vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
PROPAGATION DELAY TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
PROPAGATION DELAY TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
500
450
400
350
300
250
200
150
100
50
0
500
450
400
350
300
250
200
150
100
50
0
500
450
400
350
300
250
200
150
100
50
0
200
180
160
140
120
100
80
60
40
20
0
VCC = 3.3 V,
IF = 7.5 mA
VCC = 5 V,
IF = 7.5 mA
VCC = 3.3 V,
IF = 7.5 mA
VCC = 5 V,
IF = 7.5 mA
VCC = 3.3 V,
IF = 7.5 mA
VCC = 5 V,
IF = 7.5 mA
1 k
Ω
4 k
Ω
RL = 4.7 k
Ω
350
Ω
1 k
Ω
4 k
Ω
RL = 4.7 k
Ω
350
Ω
1 k
Ω
4 k
Ω
RL = 4.7 k
Ω
350
Ω
1 k
Ω
4 k
Ω
RL = 4.7 k
Ω
350
Ω
1 k
Ω
4 k
Ω
RL = 4.7 k
Ω
350
Ω
1 k
Ω
4 k
Ω
RL = 4.7 k
Ω
350
Ω
Remark The graphs indicate nominal characteristics.
Data Sheet PN10697EJ02V0DS
10
PS9122


Similar Part No. - PS9122-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9122-F3 RENESAS-PS9122-F3 Datasheet
318Kb / 20P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9122-F3 CEL-PS9122-F3 Datasheet
297Kb / 18P
   The PS9122 is an optical coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
PS9122-F3-AX CEL-PS9122-F3-AX Datasheet
297Kb / 18P
   The PS9122 is an optical coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
More results

Similar Description - PS9122-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9122 RENESAS-PS9122 Datasheet
318Kb / 20P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9124 CEL-PS9124 Datasheet
988Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9113 RENESAS-PS9113_15 Datasheet
284Kb / 18P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9113 RENESAS-PS9113_16 Datasheet
373Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9121-A CEL-PS9121-A Datasheet
287Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
logo
Renesas Technology Corp
PS9121 RENESAS-PS9121_15 Datasheet
301Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
logo
California Eastern Labs
PS9113 CEL-PS9113 Datasheet
254Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9117A CEL-PS9117A Datasheet
404Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com