Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HUF76132P3 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HUF76132P3
Description  75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76132P3 Datasheet(HTML) 4 Page - Intersil Corporation

  HUF76132P3 Datasheet HTML 1Page - Intersil Corporation HUF76132P3 Datasheet HTML 2Page - Intersil Corporation HUF76132P3 Datasheet HTML 3Page - Intersil Corporation HUF76132P3 Datasheet HTML 4Page - Intersil Corporation HUF76132P3 Datasheet HTML 5Page - Intersil Corporation HUF76132P3 Datasheet HTML 6Page - Intersil Corporation HUF76132P3 Datasheet HTML 7Page - Intersil Corporation HUF76132P3 Datasheet HTML 8Page - Intersil Corporation HUF76132P3 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
6-133
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. PEAK CURRENT CAPABILITY
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Intersil Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
Typical Performance Curves Unless Otherwise Specified (Continued)
t, RECTANGULAR PULSE DURATION (s)
10-5
10-1
100
2
0.1
1
10-2
0.01
10-4
10-3
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJC x RθJC + TC
PDM
t1
t2
101
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
TC = 25
oC
I
= I25
150 - TC
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 10V
2000
50
10-5
10-4
10-3
10-2
10-1
100
101
t, PULSE WIDTH (s)
100
VGS = 5V
1000
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
100
1
VDS, DRAIN TO SOURCE VOLTAGE (V)
1
100
1000
10
10
10ms
TJ = MAX RATED
TC = 25
oC
1ms
100
µs
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
BVDSS MAX = 30V
110
100
0.01
500
10
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
0.1
HUF76132P3, HUF76132S3S


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn