Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7341L-1A-E4 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS7341L-1A-E4
Description  6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7341L-1A-E4 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS7341L-1A-E4 Datasheet HTML 6Page - Renesas Technology Corp PS7341L-1A-E4 Datasheet HTML 7Page - Renesas Technology Corp PS7341L-1A-E4 Datasheet HTML 8Page - Renesas Technology Corp PS7341L-1A-E4 Datasheet HTML 9Page - Renesas Technology Corp PS7341L-1A-E4 Datasheet HTML 10Page - Renesas Technology Corp PS7341L-1A-E4 Datasheet HTML 11Page - Renesas Technology Corp PS7341L-1A-E4 Datasheet HTML 12Page - Renesas Technology Corp PS7341L-1A-E4 Datasheet HTML 13Page - Renesas Technology Corp PS7341L-1A-E4 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet PN10306EJ02V0DS
8
PS7341-1A,PS7341L-1A
Normalized to 1.0
at TA = 25 ˚C,
IF = 10 mA,
IL = 10 mA
0.5
1.5
2.0
3.0
1.0
2.5
0.0
100
75
50
25
–25
0
NORMALIZED ON-STATE RESISTANCE vs.
Ambient Temperature TA (˚C)
n = 50 pcs,
IF = 10 mA,
IL = 10 mA
20
21
0
5
10
15
20
25
30
ON-STATE RESISTANCE DISTRIBUTION
On-state Resistance Ron (
Ω)
0.3
0.4
0
5
10
15
20
25
30
Turn-on Time ton (ms)
TURN-ON TIME DISTRIBUTION
n = 50 pcs,
IF = 10 mA,
VO = 5 V
n = 50 pcs,
IF = 10 mA,
VO = 5 V
0.03
0.05
0
5
10
15
20
25
30
Turn-off Time toff (ms)
TURN-OFF TIME DISTRIBUTION
AMBIENT TEMPERATURE
VO = 5 V
30
25
20
15
10
5
2
6
8
12
4
10
0
Forward Current IF (mA)
TURN-ON TIME vs. FORWARD CURRENT
30
25
20
15
10
5
0.05
0.15
0.20
0.30
0.10
0.25
0
VO = 5 V
Forward Current IF (mA)
TURN-OFF TIME vs. FORWARD CURRENT
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS7341L-1A-E4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7341L-1A-E4 CEL-PS7341L-1A-E4 Datasheet
349Kb / 11P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7341L-1A-E4 NEC-PS7341L-1A-E4 Datasheet
107Kb / 14P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7341L-1A-E4-A CEL-PS7341L-1A-E4-A Datasheet
349Kb / 11P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7341L-1A-E4-A NEC-PS7341L-1A-E4-A Datasheet
107Kb / 14P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7341L-1A-E4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7141-1A RENESAS-PS7141-1A Datasheet
226Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE
PS7360-1A RENESAS-PS7360-1A_15 Datasheet
225Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE
logo
NEC
PS7341-1A NEC-PS7341-1A Datasheet
107Kb / 14P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7341-1B RENESAS-PS7341-1B Datasheet
263Kb / 16P
   HIGH ISOLATION VOLTAGE 6-PIN DIP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7342-1A RENESAS-PS7342-1A Datasheet
257Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7141-2A RENESAS-PS7141-2A Datasheet
221Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE ORMALLY OPEN TYPE
PS7141E-2A RENESAS-PS7141E-2A Datasheet
221Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
logo
California Eastern Labs
PS7142-1A CEL-PS7142-1A_06 Datasheet
465Kb / 11P
   6-PIN DIP 400 V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
logo
Renesas Technology Corp
PS7160-1A RENESAS-PS7160-1A_15 Datasheet
225Kb / 16P
   6-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
logo
California Eastern Labs
PS7360-1A CEL-PS7360-1A Datasheet
201Kb / 14P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com