Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7206-1A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS7206-1A
Description  4-PIN SOP, 0.6LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7206-1A Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS7206-1A Datasheet HTML 1Page - Renesas Technology Corp PS7206-1A Datasheet HTML 2Page - Renesas Technology Corp PS7206-1A Datasheet HTML 3Page - Renesas Technology Corp PS7206-1A Datasheet HTML 4Page - Renesas Technology Corp PS7206-1A Datasheet HTML 5Page - Renesas Technology Corp PS7206-1A Datasheet HTML 6Page - Renesas Technology Corp PS7206-1A Datasheet HTML 7Page - Renesas Technology Corp PS7206-1A Datasheet HTML 8Page - Renesas Technology Corp PS7206-1A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
4-PIN SOP, 0.6
Ω LOW ON-STATE RESISTANCE
600 mA CONTINUOUS LOAD CURRENT
1-ch Optical Coupled MOS FET
Solid State Relay
OCMOS FET
PS7206-1A
Document No. PN10297EJ03V0DS (3rd edition)
Date Published February 2009 NS
Printed in Japan
−NEPOC Series−
1999, 2009
1. LED Anode
2. LED Cathode
3. MOS FET
4. MOS FET
43
12
PIN CONNECTION
(Top View)
DESCRIPTION
The PS7206-1A is a low on-state resistance solid state relay containing GaAs LEDs on the light emitting side (input
side) and MOS FETs on the output side.
It is suitable for PLC, etc. because of its large continuous load current and low on-state resistance.
FEATURES
• Low on-state resistance (Ron = 0.6
Ω TYP.)
• Large continuous load current (IL = 600 mA)
• 1 channel type (1 a output)
• Designed for AC/DC switching line changer
• Small and thin package (4-pin SOP, Height = 2.1 mm)
• High isolation voltage (BV = 1 500 Vr.m.s.)
• Low offset voltage
• Ordering number of taping product : PS7206-1A-E3, E4: 900 pcs/reel
: PS7206-1A-F3, F4: 3 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: No. E72422
• BSI approved: No. 8241, 8242
APPLICATIONS
• Measurement equipment
• FA equipment


Similar Part No. - PS7206-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7206-1A NEC-PS7206-1A Datasheet
81Kb / 12P
   4-PIN SOP, 0.6 W LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7206-1A CEL-PS7206-1A Datasheet
355Kb / 11P
   4-PIN SOP, 0.6 OHM LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
NEC
PS7206-1A NEC-PS7206-1A Datasheet
119Kb / 13P
   4-PIN SOP, 0.6 廓 LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7206-1A-A CEL-PS7206-1A-A Datasheet
355Kb / 11P
   4-PIN SOP, 0.6 OHM LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
NEC
PS7206-1A-A NEC-PS7206-1A-A Datasheet
119Kb / 13P
   4-PIN SOP, 0.6 廓 LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7206-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7206-1A NEC-PS7206-1A_1 Datasheet
119Kb / 13P
   4-PIN SOP, 0.6 廓 LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7206-1A CEL-PS7206-1A Datasheet
355Kb / 11P
   4-PIN SOP, 0.6 OHM LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
NEC
PS7206-1A NEC-PS7206-1A Datasheet
81Kb / 12P
   4-PIN SOP, 0.6 W LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS720C-1A RENESAS-PS720C-1A_15 Datasheet
168Kb / 12P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT
logo
NEC
PS7205B-1A NEC-PS7205B-1A_1 Datasheet
106Kb / 13P
   4-PIN SOP, 0.9 廓 LOW ON-STATE RESISTANCE 80 V BREAK DOWN VOLTAGE 500 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS7205B-1A NEC-PS7205B-1A Datasheet
65Kb / 8P
   4 PIN SOP, 0.9 ohm, LOW ON-STATE RESISTANCE 80 V BREAK DOWN VOLTAGE, 500 mA CONTINUOUS LOAD CURRENT 1-CH OPTICAL COUPLED MOSFET
PS720C-1A NEC-PS720C-1A Datasheet
85Kb / 9P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS720C-1A RENESAS-PS720C-1A Datasheet
176Kb / 12P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS720C-1A CEL-PS720C-1A Datasheet
211Kb / 10P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7205B-1A RENESAS-PS7205B-1A Datasheet
261Kb / 15P
   4-PIN SOP, 0.9 Ω LOW ON-STATE RESISTANCE 80 V BREAK DOWN VOLTAGE 500 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com