Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7206-1A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PS7206-1A
Description  4-PIN SOP, 0.6LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7206-1A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS7206-1A Datasheet HTML 2Page - Renesas Technology Corp PS7206-1A Datasheet HTML 3Page - Renesas Technology Corp PS7206-1A Datasheet HTML 4Page - Renesas Technology Corp PS7206-1A Datasheet HTML 5Page - Renesas Technology Corp PS7206-1A Datasheet HTML 6Page - Renesas Technology Corp PS7206-1A Datasheet HTML 7Page - Renesas Technology Corp PS7206-1A Datasheet HTML 8Page - Renesas Technology Corp PS7206-1A Datasheet HTML 9Page - Renesas Technology Corp PS7206-1A Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet PN10297EJ03V0DS
4
PS7206-1A
RECOMMENDED OPERATING CONDITIONS (TA = 25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
LED Operating Current
IF
2
10
20
mA
LED Off Voltage
VF
0
0.5
V
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.2
1.4
V
Reverse Current
IR
VR = 5 V
5.0
μA
MOS FET
Off-state Leakage Current
ILoff
VD = 60 V
1.0
μA
Output Capacitance
Cout
VD = 0 V, f = 1 MHz
70
pF
Coupled
LED On-state Current
IFon
IL = 600 mA
2.0
mA
On-state Resistance
Ron1
IF = 10 mA, IL = 100 mA
0.6
0.8
Ω
Ron2
IF = 10 mA, IL = 600 mA, t
≤ 10 ms
0.6
0.8
Turn-on Time
*1, 2
ton
IF = 10 mA, VO = 5 V, RL = 500
Ω,
0.4
2.0
ms
Turn-off Time
*1, 2
toff
PW
≥ 10 ms
0.08
0.5
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
9
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.5
pF
*1 Test Circuit for Switching Time
VL
RL
IF
Rin
Pulse Input
Input monitor
monitor
VO
ton
toff
10 %
90 %
0
VO = 5 V
50 %
Output
Input
*2 The turn-on time and turn-off time are specified as input-pulse width
≥ 10 ms.
Be aware that when the device operates with an input-pulse width less than 10 ms, the turn-on time and turn-off
time will increase.
<R>


Similar Part No. - PS7206-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7206-1A NEC-PS7206-1A Datasheet
81Kb / 12P
   4-PIN SOP, 0.6 W LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7206-1A CEL-PS7206-1A Datasheet
355Kb / 11P
   4-PIN SOP, 0.6 OHM LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
NEC
PS7206-1A NEC-PS7206-1A Datasheet
119Kb / 13P
   4-PIN SOP, 0.6 廓 LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7206-1A-A CEL-PS7206-1A-A Datasheet
355Kb / 11P
   4-PIN SOP, 0.6 OHM LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
NEC
PS7206-1A-A NEC-PS7206-1A-A Datasheet
119Kb / 13P
   4-PIN SOP, 0.6 廓 LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7206-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7206-1A NEC-PS7206-1A_1 Datasheet
119Kb / 13P
   4-PIN SOP, 0.6 廓 LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7206-1A CEL-PS7206-1A Datasheet
355Kb / 11P
   4-PIN SOP, 0.6 OHM LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
NEC
PS7206-1A NEC-PS7206-1A Datasheet
81Kb / 12P
   4-PIN SOP, 0.6 W LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS720C-1A RENESAS-PS720C-1A_15 Datasheet
168Kb / 12P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT
logo
NEC
PS7205B-1A NEC-PS7205B-1A_1 Datasheet
106Kb / 13P
   4-PIN SOP, 0.9 廓 LOW ON-STATE RESISTANCE 80 V BREAK DOWN VOLTAGE 500 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS7205B-1A NEC-PS7205B-1A Datasheet
65Kb / 8P
   4 PIN SOP, 0.9 ohm, LOW ON-STATE RESISTANCE 80 V BREAK DOWN VOLTAGE, 500 mA CONTINUOUS LOAD CURRENT 1-CH OPTICAL COUPLED MOSFET
PS720C-1A NEC-PS720C-1A Datasheet
85Kb / 9P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS720C-1A RENESAS-PS720C-1A Datasheet
176Kb / 12P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS720C-1A CEL-PS720C-1A Datasheet
211Kb / 10P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7205B-1A RENESAS-PS7205B-1A Datasheet
261Kb / 15P
   4-PIN SOP, 0.9 Ω LOW ON-STATE RESISTANCE 80 V BREAK DOWN VOLTAGE 500 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com