Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7160-1A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PS7160-1A
Description  6-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7160-1A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PS7160-1A Datasheet HTML 5Page - Renesas Technology Corp PS7160-1A Datasheet HTML 6Page - Renesas Technology Corp PS7160-1A Datasheet HTML 7Page - Renesas Technology Corp PS7160-1A Datasheet HTML 8Page - Renesas Technology Corp PS7160-1A Datasheet HTML 9Page - Renesas Technology Corp PS7160-1A Datasheet HTML 10Page - Renesas Technology Corp PS7160-1A Datasheet HTML 11Page - Renesas Technology Corp PS7160-1A Datasheet HTML 12Page - Renesas Technology Corp PS7160-1A Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet PN10289EJ02V0DS
7
PS7160-1A,PS7160L-1A
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
Ambient Temperature TA (˚C)
MAXIMUM FORWARD CURRENT vs.
AMBIENT TEMPERATURE
100
85
75
50
25
0
–25
20
60
80
100
40
0
IF = 50 mA
30 mA
20 mA
10 mA
5 mA
1 mA
Ambient Temperature TA (˚C)
FORWARD VOLTAGE vs.
AMBIENT TEMPERATURE
100
75
50
25
0
–25
1.4
1.6
0.8
1.2
1.0
Ambient Temperature TA (˚C)
MAXIMUM LORD CURRENT vs.
AMBIENT TEMPERATURE
100
85
75
50
25
0
–25
25
75
100
125
50
0
150
f = 1 MHz
Applied Voltage VD (V)
OUTPUT CAPACITANCE vs.
APPLIED VOLTAGE
120
100
80
60
40
20
50
150
200
250
100
0
Applied Voltage VD (V)
OFF-STATE LEAKAGE CURRENT vs.
APPLIED VOLTAGE
LORD CURRENT vs. LORD VOLTAGE
Load Voltage VL (V)
IF = 10 mA
–2.0
2.0
–4.0
4.0
0
50
150
100
–50
–150
–100
600
500
300
100
0
200
400
10
–3
10
–4
10
–5
10
–6
10
–7
10
–8
10
–9
TA = 85 ˚C
25 ˚C
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS7160-1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7160-1A CEL-PS7160-1A Datasheet
350Kb / 11P
   6-PIN DIP, 600 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7160-1A-A CEL-PS7160-1A-A Datasheet
350Kb / 11P
   6-PIN DIP, 600 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7160-1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7160-2A RENESAS-PS7160-2A Datasheet
221Kb / 15P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7141E-1A RENESAS-PS7141E-1A Datasheet
226Kb / 16P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7141E-2A RENESAS-PS7141E-2A Datasheet
221Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
logo
California Eastern Labs
PS7360-1A CEL-PS7360-1A Datasheet
201Kb / 14P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7160-2A RENESAS-PS7160-2A_15 Datasheet
228Kb / 15P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7360-1A RENESAS-PS7360-1A_15 Datasheet
225Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7241E-1A RENESAS-PS7241E-1A Datasheet
244Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7141E-1A RENESAS-PS7141E-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com