Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7113L-2A-E4 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PS7113L-2A-E4
Description  6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7113L-2A-E4 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PS7113L-2A-E4 Datasheet HTML 5Page - Renesas Technology Corp PS7113L-2A-E4 Datasheet HTML 6Page - Renesas Technology Corp PS7113L-2A-E4 Datasheet HTML 7Page - Renesas Technology Corp PS7113L-2A-E4 Datasheet HTML 8Page - Renesas Technology Corp PS7113L-2A-E4 Datasheet HTML 9Page - Renesas Technology Corp PS7113L-2A-E4 Datasheet HTML 10Page - Renesas Technology Corp PS7113L-2A-E4 Datasheet HTML 11Page - Renesas Technology Corp PS7113L-2A-E4 Datasheet HTML 12Page - Renesas Technology Corp PS7113L-2A-E4 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet PN10269EJ02V0DS
7
PS7113-1A,-2A,PS7113L-1A,-2A
TYPICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
MAXIMUM FORWARD CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
–25
0
25
50
75
85
100
100
80
60
40
0
20
MAXIMUM LOAD CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
–25
0
25
50
75
85
100
500
400
300
200
0
100
FORWARD VOLTAGE vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
–25
0
25
50
75
100
1.6
1.4
1.2
1.0
0.8
IF = 50 mA
1 mA
5 mA
10 mA
20 mA
30 mA
OUTPUT CAPACITANCE vs.
APPLIED VOLTAGE
Applied Voltage VD (V)
20
40
60
80
120
100
250
200
150
100
0
50
–0.4
–0.2
0.2
0.4
0
400
200
–200
–400
IF = 10 mA
LOAD CURRENT vs. LOAD VOLTAGE
Load Voltage VL (V)
OFF-STATE LEAKAGE CURRENT vs.
APPLIED VOLTAGE
Applied Voltage VD (V)
120
100
80
40
20
0
60
10
–8
10
–6
10
–4
10
–3
10
–7
10
–9
10
–5
25 ˚C
TA = 85 ˚C
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS7113L-2A-E4

ManufacturerPart #DatasheetDescription
logo
NEC
PS7113L-2A-E4 NEC-PS7113L-2A-E4 Datasheet
82Kb / 12P
   6, 8-PIN DIP, 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7113L-2A-E4 CEL-PS7113L-2A-E4 Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7113L-2A-E4 RENESAS-PS7113L-2A-E4 Datasheet
241Kb / 16P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7113L-2A-E4-A CEL-PS7113L-2A-E4-A Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7113L-2A-E4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7113-1A RENESAS-PS7113-1A_15 Datasheet
241Kb / 16P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7113-1A CEL-PS7113-1A Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
PS7113L-2A-A CEL-PS7113L-2A-A Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
NEC
PS7113-1A NEC-PS7113-1A Datasheet
82Kb / 12P
   6, 8-PIN DIP, 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-1A RENESAS-PS7141-1A Datasheet
226Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE
PS7341-1A RENESAS-PS7341-1A_15 Datasheet
225Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE
PS7360-1A RENESAS-PS7360-1A_15 Datasheet
225Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE
logo
NEC
PS7112-1A NEC-PS7112-1A Datasheet
74Kb / 12P
   6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7160-1A RENESAS-PS7160-1A_15 Datasheet
225Kb / 16P
   6-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7141-2A RENESAS-PS7141-2A Datasheet
221Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE ORMALLY OPEN TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com