Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7113L-2A-E3 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS7113L-2A-E3
Description  6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7113L-2A-E3 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS7113L-2A-E3 Datasheet HTML 1Page - Renesas Technology Corp PS7113L-2A-E3 Datasheet HTML 2Page - Renesas Technology Corp PS7113L-2A-E3 Datasheet HTML 3Page - Renesas Technology Corp PS7113L-2A-E3 Datasheet HTML 4Page - Renesas Technology Corp PS7113L-2A-E3 Datasheet HTML 5Page - Renesas Technology Corp PS7113L-2A-E3 Datasheet HTML 6Page - Renesas Technology Corp PS7113L-2A-E3 Datasheet HTML 7Page - Renesas Technology Corp PS7113L-2A-E3 Datasheet HTML 8Page - Renesas Technology Corp PS7113L-2A-E3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet PN10269EJ02V0DS
2
PS7113-1A,-2A,PS7113L-1A,-2A
PACKAGE DIMENSIONS (in millimeters)
9.25±0.5
0.5±0.1
2.54
1.34±0.1
0.25 M
0 to 15˚
7.62
6.5±0.5
9.25±0.5
1.34±0.1
0.25 M
2.54
6.5±0.5
0.9±0.25
9.60±0.4
9.25±0.5
0.5±0.1
2.54
1.34±0.1
0.25 M
0 to 15˚
7.62
6.5±0.5
9.25±0.5
1.34±0.1
0.25 M
2.54
6.5±0.5
0.9±0.25
9.60±0.4
PS7113-1A
PS7113L-1A
PS7113-2A
PS7113L-2A
1. LED Anode
2. LED Cathode
3. NC
4. MOS FET Drain
5. MOS FET Source
6. MOS FET Drain
123
65
4
TOP VIEW
1. LED Anode
2. LED Cathode
3. NC
4. MOS FET Drain
5. MOS FET Source
6. MOS FET Drain
123
65
4
TOP VIEW
12
4
3
65
87
TOP VIEW
5. MOS FET
6. MOS FET
7. MOS FET
8. MOS FET
1. LED Anode
2. LED Cathode
3. LED Anode
4. LED Cathode
12
4
3
65
87
TOP VIEW
5. MOS FET
6. MOS FET
7. MOS FET
8. MOS FET
1. LED Anode
2. LED Cathode
3. LED Anode
4. LED Cathode


Similar Part No. - PS7113L-2A-E3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7113L-2A-E3 NEC-PS7113L-2A-E3 Datasheet
82Kb / 12P
   6, 8-PIN DIP, 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7113L-2A-E3 CEL-PS7113L-2A-E3 Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7113L-2A-E3 RENESAS-PS7113L-2A-E3 Datasheet
241Kb / 16P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7113L-2A-E3-A CEL-PS7113L-2A-E3-A Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7113L-2A-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7113-1A RENESAS-PS7113-1A_15 Datasheet
241Kb / 16P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7113-1A CEL-PS7113-1A Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
PS7113L-2A-A CEL-PS7113L-2A-A Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
NEC
PS7113-1A NEC-PS7113-1A Datasheet
82Kb / 12P
   6, 8-PIN DIP, 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-1A RENESAS-PS7141-1A Datasheet
226Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE
PS7341-1A RENESAS-PS7341-1A_15 Datasheet
225Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE
PS7360-1A RENESAS-PS7360-1A_15 Datasheet
225Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE
logo
NEC
PS7112-1A NEC-PS7112-1A Datasheet
74Kb / 12P
   6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7160-1A RENESAS-PS7160-1A_15 Datasheet
225Kb / 16P
   6-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7141-2A RENESAS-PS7141-2A Datasheet
221Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE ORMALLY OPEN TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com