Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2841-4B-F4 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PS2841-4B-F4
Description  WORLD?셎 SMALLEST CLASS, FOUR CHANNELS12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2841-4B-F4 Datasheet(HTML) 2 Page - Renesas Technology Corp

  PS2841-4B-F4 Datasheet HTML 1Page - Renesas Technology Corp PS2841-4B-F4 Datasheet HTML 2Page - Renesas Technology Corp PS2841-4B-F4 Datasheet HTML 3Page - Renesas Technology Corp PS2841-4B-F4 Datasheet HTML 4Page - Renesas Technology Corp PS2841-4B-F4 Datasheet HTML 5Page - Renesas Technology Corp PS2841-4B-F4 Datasheet HTML 6Page - Renesas Technology Corp PS2841-4B-F4 Datasheet HTML 7Page - Renesas Technology Corp PS2841-4B-F4 Datasheet HTML 8Page - Renesas Technology Corp PS2841-4B-F4 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Data Sheet PN10202EJ04V0DS
2
PS2841-4A,PS2841-4B
PACKAGE DIMENSIONS (UNIT: mm)
4.4
7.0±0.3
0.5±0.3
5.6±0.3
16
12
7
0.3±0.1
0.8
0.12 M
MARKING EXAMPLE
Type Number
*1
Assembly Lot
No. 1 pin
Mark
2841A
NL601
*1 Applicable type numbers
are underlined below
PS2841-4A
PS2841-4B
6 01
Year Assembled
(Last 1 Digit)
L
N
Rank Code
In-house Code
(L: Pb-Free)
Week Assembled
<R>


Similar Part No. - PS2841-4B-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2841-4B-F4 CEL-PS2841-4B-F4 Datasheet
361Kb / 11P
   WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2841-4B-F4 RENESAS-PS2841-4B-F4 Datasheet
236Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
More results

Similar Description - PS2841-4B-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2845-4A RENESAS-PS2845-4A Datasheet
228Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
PS2845-4A RENESAS-PS2845-4A_15 Datasheet
235Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
PS2841-4A RENESAS-PS2841-4A_15 Datasheet
236Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2845-4A CEL-PS2845-4A Datasheet
344Kb / 11P
   WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
PS2841-4A CEL-PS2841-4A Datasheet
361Kb / 11P
   WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL357NC-G EVERLIGHT-EL357NC-G Datasheet
374Kb / 11P
   4 PIN ULTRA SMALL SOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
   4-PIN SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL357NCTA-VG EVERLIGHT-EL357NCTA-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NB-G EVERLIGHT-EL357NB-G Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357 EVERLIGHT-EL357_08 Datasheet
321Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com