Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SER3018H-153KE Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # SER3018H-153KE
Description  Mounting plate with three pads for excellent board adhesion
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER3018H-153KE Datasheet(HTML) 2 Page - Coilcraft lnc.

  SER3018H-153KE Datasheet HTML 1Page - Coilcraft lnc. SER3018H-153KE Datasheet HTML 2Page - Coilcraft lnc. SER3018H-153KE Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shielded Power Inductors – SER3018H Series
Document 874-2
Document 874-2 Revised 11/24/14
Temperature Rise vs Current
Current Derating
Dimensions are in inches
mm
80
70
60
50
40
30
20
0
10
Current (Arms)
10
03040
20
50
60
-40 -20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms


Similar Part No. - SER3018H-153KE

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SER30KB30 SSDI-SER30KB30 Datasheet
49Kb / 2P
   ULTRAFAST POWER SURFACE MOUNT RECTIFIER
SER30KB40 SSDI-SER30KB40 Datasheet
49Kb / 2P
   ULTRAFAST POWER SURFACE MOUNT RECTIFIER
SER30KB50 SSDI-SER30KB50 Datasheet
49Kb / 2P
   ULTRAFAST POWER SURFACE MOUNT RECTIFIER
SER30KB60 SSDI-SER30KB60 Datasheet
44Kb / 2P
   30AMP 300-600 VOLT ULTRAFAST POWER SURFACE MOUNT RECTIFIER
SER30KB60 SSDI-SER30KB60 Datasheet
49Kb / 2P
   ULTRAFAST POWER SURFACE MOUNT RECTIFIER
More results

Similar Description - SER3018H-153KE

ManufacturerPart #DatasheetDescription
logo
3M Electronics
E1020H 3M-E1020H Datasheet
39Kb / 6P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive High Plateside Adhesion
logo
OEN India Limited
04-MP750X OENINDIA-04-MP750X Datasheet
51Kb / 1P
   Nylon Mounting Pads
logo
SunLED Corporation
XEUY30D SUNLED-XEUY30D Datasheet
217Kb / 3P
   Excellent for flush mounting
logo
FIBOX Enclosing innovat...
9511007 FIBOX-9511007 Datasheet
36Kb / 1P
   Mounting plate, for enclosures
3770550 FIBOX-3770550 Datasheet
42Kb / 1P
   Mounting plate, for enclosures
11.01.2023
4712117 FIBOX-4712117 Datasheet
50Kb / 1P
   Mounting plate, for enclosures
11.01.2023
4712118 FIBOX-4712118 Datasheet
39Kb / 1P
   Mounting plate, for enclosures
11.01.2023
7720071 FIBOX-7720071 Datasheet
50Kb / 2P
   Mounting plate, for enclosures
19.01.2023
9512012 FIBOX-9512012 Datasheet
42Kb / 1P
   Mounting plate, for enclosures:
13.01.2023
9512009 FIBOX-9512009 Datasheet
51Kb / 1P
   Mounting plate, for enclosures
13.01.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com