Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SER2009-301ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # SER2009-301ML
Description  Flat wire windings provide exceptionally low DCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER2009-301ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  SER2009-301ML Datasheet HTML 1Page - Coilcraft lnc. SER2009-301ML Datasheet HTML 2Page - Coilcraft lnc. SER2009-301ML Datasheet HTML 3Page - Coilcraft lnc. SER2009-301ML Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0.755 ±0.02
19,18 ±0,51
0.736 ±0.034
18,70 ±0,86
Recommended Land Pattern
0.185
4,70
0.210
5,33
0.365 ±0.02
9,27 ±0,51
Internal code
0.160
4,06
0.470
11,94
12
3
Height
(See table)
typ
0.004/0,102
0.290
7,37
0.015
0,38
0.150
3,81
0.100 ±0.003
2,54 ±0,076
0.100
2,54
0.125
3,18
0.311 ±0.015
7,90 ±0,38
0.515±0.015
13,08 ±0,37
0.130
3,30
*
0.150
3,81
0.260
6,60
CL
CL
*Width of flat area on winding
Dimensions are in inches
mm
SER20xx-xxxL
XXXX Y
0.412 ±0.034
10,46 ±0,86
Maximum
height
Weight
SER2009
0.34 / 8,64
6.65 – 6.89 g
SER2010
0.37
SER2011
0.42
SER2012
0.47
SER2013
0.51
SER2014
0.55
/ 9,40
7.46 – 7.90 g
/ 10,67
8.63 – 9.08 g
/ 11,94
9.92 – 10.3 g
/ 12,95
10.8 – 11.4 g
/ 13,97
11.7 – 12.4 g
Document 349-1 Revised 09/05/12
Shielded Power Inductor – SER2000
Document 349-1
1
2
3
Caution:
Terminal 3 is provided for mounting
stability only. This terminal is connected
to the winding of the inductor and must
not be connected to ground or any
circuitry.
Packaging
SER2009 200 per 13
″ reel; Plastic tape: 44 mm wide, 0.4 mm thick, 32 mm pocket spacing, 9.25 pocket depth
SER2010 200 per 13
″ reel; Plastic tape: 44 mm wide, 0.4 mm thick, 32 mm pocket spacing, 10.5 pocket depth
SER2011 170 per 13
″ reel; Plastic tape: 44 mm wide, 0.4 mm thick, 32 mm pocket spacing, 11.6 pocket depth
SER2012 150 per 13
″ reel; Plastic tape: 44 mm wide, 0.4 mm thick, 32 mm pocket spacing, 13.0 pocket depth
SER2013 150 per 13
″ reel; Plastic tape: 44 mm wide, 0.5 mm thick, 32 mm pocket spacing, 14.0 pocket depth
SER2014 125 per 13
″ reel; Plastic tape: 44 mm wide, 0.5 mm thick, 32 mm pocket spacing, 15.0 pocket depth
Designer’s Kit C374 contains 2 each of nine parts.
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant tin-silver over copper. Other
terminations available at additional cost.
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Designed for high current power supply applications
• Flat wire windings provide exceptionally low DCR
Isat ratings as high as 100 A


Similar Part No. - SER2009-301ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER2009-301ML COILCRAFT-SER2009-301ML Datasheet
275Kb / 4P
   SMT Power Inductors
More results

Similar Description - SER2009-301ML

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
OXO10-1-412 SYNERGY-OXO10-1-412 Datasheet
1Mb / 2P
   Exceptionally Low Phase Noise
logo
Laird Tech Smart Techno...
SF800 LSTD-SF800 Datasheet
298Kb / 2P
   Exceptionally low thermal resistance
logo
Micross Components
FFP20S65S MICROSS-FFP20S65S Datasheet
693Kb / 3P
   Exceptionally Soft Recovery
logo
ON Semiconductor
NTS1545EMFS ONSEMI-NTS1545EMFS Datasheet
68Kb / 5P
   Exceptionally Low Leakage Trench-based Schottky Rectifier
July, 2014 ??Rev. 0
logo
Vishay Siliconix
IHLP-1616BZ-1A VISHAY-IHLP-1616BZ-1A Datasheet
231Kb / 4P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
logo
GuangDong Province Meng...
MTSFB0603 MENGCO-MTSFB0603 Datasheet
1Mb / 1P
   Low DCR, small package
logo
Vishay Siliconix
IHLP-2020CZ-1A VISHAY-IHLP-2020CZ-1A Datasheet
315Kb / 6P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLP-3232DZ-1A VISHAY-IHLP-3232DZ-1A Datasheet
344Kb / 6P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
logo
GuangDong Province Meng...
MTSFB0402 MENGCO-MTSFB0402 Datasheet
3Mb / 2P
   Low DCR, small package
logo
ON Semiconductor
NRVTS560ETFS ONSEMI-NRVTS560ETFS Datasheet
63Kb / 5P
   Exceptionally Low Leakage Trench-based Schottky Rectifier
September, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com