Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1062 Datasheet(PDF) 28 Page - Analog Devices

Part No. ADM1062
Description  Super Sequencer with Margining Control and Temperature Monitoring
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1062 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADM1062_15 Datasheet HTML 24Page - Analog Devices ADM1062_15 Datasheet HTML 25Page - Analog Devices ADM1062_15 Datasheet HTML 26Page - Analog Devices ADM1062_15 Datasheet HTML 27Page - Analog Devices ADM1062_15 Datasheet HTML 28Page - Analog Devices ADM1062_15 Datasheet HTML 29Page - Analog Devices ADM1062_15 Datasheet HTML 30Page - Analog Devices ADM1062_15 Datasheet HTML 31Page - Analog Devices ADM1062_15 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ADM1062
Rev. C | Page 28 of 36
POWER-UP
(VCC > 2.5V)
EEPROM
E
E
P
R
O
M
L
D
D
A
T
A
R
A
M
L
D
U
P
D
SMBus
DEVICE
CONTROLLER
LATCH A
LATCH B
FUNCTION
(OV THRESHOLD
ON VP1)
Figure 38. Configuration Update Flow Diagram
UPDATING THE SEQUENCING ENGINE
Sequencing engine (SE) functions are not updated in the same way
as regular configuration latches. The SE has its own dedicated
512-byte nonvolatile, electrically erasable, programmable, read-
only memory (EEPROM) for storing state definitions. The
EEPROM provides 63 individual states, each with a 64-bit word
(one state is reserved). At power-up, the first state is loaded from
the SE EEPROM into the engine itself. When the conditions of this
state are met, the next state is loaded from the EEPROM into the
engine, and so on. The loading of each new state takes approxi-
mately 10 μs.
To alter a state, the required changes must be made directly to
the EEPROM. RAM for each state does not exist. The relevant
alterations must be made to the 64-bit word, which is then
uploaded directly to the EEPROM.
INTERNAL REGISTERS
The ADM1062 contains a large number of data registers. The
principal registers are the address pointer register and the
configuration registers.
Address Pointer Register
The address pointer register contains the address that selects
one of the other internal registers. When writing to the ADM1062,
the first byte of data is always a register address that is written to
the address pointer register.
Configuration Registers
The configuration registers provide control and configuration
for various operating parameters of the ADM1062.
EEPROM
The ADM1062 has two 512-byte cells of nonvolatile EEPROM
from Register Address 0xF800 to Register Address 0xFBFF. The
EEPROM is used for permanent storage of data that is not lost
when the ADM1062 is powered down. One EEPROM cell contains
the configuration data of the device; the other contains the state
definitions for the SE. Although referred to as read-only memory,
the EEPROM can be written to, as well as read from, using the
serial bus in exactly the same way as the other registers.
The major differences between the EEPROM and other
registers are as follows:
An EEPROM location must be blank before it can be
written to. If it contains data, the data must first be erased.
Writing to the EEPROM is slower than writing to the RAM.
Writing to the EEPROM should be restricted because it has
a limited write/cycle life of typically 10,000 write operations
due to the usual EEPROM wear-out mechanisms.
The first EEPROM is split into 16 (0 to 15) pages of 32 bytes
each. Page 0 to Page 6, starting at Address 0xF800, hold the
configuration data for the applications on the ADM1062 (such
as the SFDs and PDOs). These EEPROM addresses are the same
as the RAM register addresses, prefixed by F8. Page 7 is reserved.
Page 8 to Page 15 are for customer use.
Data can be downloaded from the EEPROM to the RAM in one
of the following ways:
At power-up, when Page 0 to Page 6 are downloaded
By setting Bit 0 of the UDOWNLD register (0xD8), which
performs a user download of Page 0 to Page 6
SERIAL BUS INTERFACE
The ADM1062 is controlled via the serial system management
bus (SMBus) and is connected to this bus as a slave device under
the control of a master device. It takes approximately 1 ms after
power-up for the ADM1062 to download from its EEPROM.
Therefore, access to the ADM1062 is restricted until the download
is complete.
Identifying the ADM1062 on the SMBus
The ADM1062 has a 7-bit serial bus slave address (see Table 12).
The device is powered up with a default serial bus address. The
five MSBs of the address are set to 00101; the two LSBs are
determined by the logical states of Pin A1 and Pin A0. This
allows the connection of four ADM1062s to one SMBus.
Table 12. Serial Bus Slave Address
A1 Pin
A0 Pin
Hex Address
7-Bit Address
Low
Low
0x28
0010100x1
Low
High
0x2A
0010101x1
High
Low
0x2C
0010110x1
High
High
0x2E
0010111x1
1 x = Read/Write bit. The address is shown only as the first 7 MSBs.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn