Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1062 Datasheet(PDF) 24 Page - Analog Devices

Part # ADM1062
Description  Super Sequencer with Margining Control and Temperature Monitoring
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1062 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADM1062_15 Datasheet HTML 20Page - Analog Devices ADM1062_15 Datasheet HTML 21Page - Analog Devices ADM1062_15 Datasheet HTML 22Page - Analog Devices ADM1062_15 Datasheet HTML 23Page - Analog Devices ADM1062_15 Datasheet HTML 24Page - Analog Devices ADM1062_15 Datasheet HTML 25Page - Analog Devices ADM1062_15 Datasheet HTML 26Page - Analog Devices ADM1062_15 Datasheet HTML 27Page - Analog Devices ADM1062_15 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ADM1062
Rev. C | Page 24 of 36
TEMPERATURE MEASUREMENT SYSTEM
The ADM1062 contains an on-chip, band gap temperature
sensor whose output is digitized by the on-chip, 12-bit ADC.
Theoretically, the temperature sensor and the ADC can measure
temperatures from −128°C to +128°C with a resolution of 0.125°C.
Because this exceeds the operating temperature range of the device,
local temperature measurements outside this range are not possible.
Temperature measurements from −128°C to +128°C are possible
using a remote sensor. The output code is in offset binary format,
with −128°C given by Code 0x400, 0°C given by Code 0x800,
and +128°C given by Code 0xC00.
As with the other analog inputs to the ADC, a limit register is
provided for each of the temperature input channels. Therefore,
a temperature limit can be set such that if it is exceeded, a warning
is generated and available as an input to the sequencing engine.
This enables users to control their sequence or monitor functions
based on an overtemperature or undertemperature event.
REMOTE TEMPERATURE MEASUREMENT
The ADM1062 can measure the temperature of a remote diode
sensor or diode-connected transistor connected to Pin DN and
Pin DP (Pin 37 and Pin 38 on the LFCSP package and Pin 44
and Pin 45 on the TQFP package).
The forward voltage of a diode or diode-connected transistor
operated at a constant current exhibits a negative temperature
coefficient of about −2 mV/°C. Unfortunately, the absolute value
of VBE varies from device to device, and individual calibration
is required to null it, making the technique unsuitable for mass
production. The technique used in the ADM1062 is to measure
the change in VBE when the device is operated at two different
currents.
The change in VBE is given by
Δ
VBE = kT/q × ln(N)
where:
k is Boltzmann’s constant.
q is the charge on the carrier.
T is the absolute temperature in Kelvin.
N is the ratio of the two currents.
Figure 36 shows the input signal conditioning used to measure the
output of a remote temperature sensor. This figure shows the
external sensor as a substrate transistor provided for temperature
monitoring on some microprocessors, but it could equally be
a discrete transistor such as a 2N3904 or 2N3906.
If a discrete transistor is used, the collector is not grounded and
should be linked to the base. If a PNP transistor is used, the base
is connected to the DN input, and the emitter is connected to
the DP input. If an NPN transistor is used, the emitter is connected
to the DN input, and the base is connected to the DP input.
Figure 34 and Figure 35 show how to connect the ADM1062 to
an NPN or PNP transistor for temperature measurement. To
prevent ground noise from interfering with the measurement,
the more negative terminal of the sensor is not referenced to
ground but is biased above ground by an internal diode at the
DN input.
2N3904
NPN
ADM1062
DP
DN
Figure 34. Measuring Temperature Using an NPN Transistor
2N3906
PNP
ADM1062
DP
DN
Figure 35. Measuring Temperature Using a PNP Transistor
CPU
BIAS
DIODE
VDD
TO ADC
VOUT+
VOUT–
REMOTE
SENSING
TRANSISTOR
I
N× I
IBIAS
LOW-PASS FILTER
fC = 65kHz
THERM DA
THERM DC
DP
DN
Figure 36. Signal Conditioning for Remote Diode Temperature Sensors


Similar Part No. - ADM1062_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1062ACP AD-ADM1062ACP Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1062ACPZ AD-ADM1062ACPZ Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062ASU AD-ADM1062ASU Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1062ASUZ AD-ADM1062ASUZ Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
More results

Similar Description - ADM1062_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062 AD-ADM1062 Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com