Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1062 Datasheet(PDF) 13 Page - Analog Devices

Part No. ADM1062
Description  Super Sequencer with Margining Control and Temperature Monitoring
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1062 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1062_15 Datasheet HTML 9Page - Analog Devices ADM1062_15 Datasheet HTML 10Page - Analog Devices ADM1062_15 Datasheet HTML 11Page - Analog Devices ADM1062_15 Datasheet HTML 12Page - Analog Devices ADM1062_15 Datasheet HTML 13Page - Analog Devices ADM1062_15 Datasheet HTML 14Page - Analog Devices ADM1062_15 Datasheet HTML 15Page - Analog Devices ADM1062_15 Datasheet HTML 16Page - Analog Devices ADM1062_15 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ADM1062
Rev. C | Page 13 of 36
CH1 200mV
M1.00µs
CH1
756mV
1
DAC
BUFFER
OUTPUT
PROBE
POINT
47pF
20kΩ
Figure 17. Transient Response of DAC Code Change into Typical Load
CH1 200mV
M1.00µs
CH1
944mV
1
DAC
BUFFER
OUTPUT
1V
PROBE
POINT
100kΩ
Figure 18. Transient Response of DAC to Turn-On from High-Z State
1.005
1.004
1.003
1.002
1.001
1.000
0.999
0.998
0.997
0.996
0.995
–40
–20
0
20
40
60
100
80
TEMPERATURE (
°C)
VP1 = 3.0V
VP1 = 4.75V
Figure 19. DAC Output vs. Temperature
2.058
2.038
2.043
2.048
2.053
–40
–20
0
20
40
60
100
80
TEMPERATURE (
°C)
VP1 = 3.0V
VP1 = 4.75V
Figure 20. REFOUT vs. Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn