Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1062 Datasheet(PDF) 5 Page - Analog Devices

Part No. ADM1062
Description  Super Sequencer with Margining Control and Temperature Monitoring
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADM1062 Datasheet(HTML) 5 Page - Analog Devices

  ADM1062_15 Datasheet HTML 1Page - Analog Devices ADM1062_15 Datasheet HTML 2Page - Analog Devices ADM1062_15 Datasheet HTML 3Page - Analog Devices ADM1062_15 Datasheet HTML 4Page - Analog Devices ADM1062_15 Datasheet HTML 5Page - Analog Devices ADM1062_15 Datasheet HTML 6Page - Analog Devices ADM1062_15 Datasheet HTML 7Page - Analog Devices ADM1062_15 Datasheet HTML 8Page - Analog Devices ADM1062_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ADM1062
Rev. C | Page 5 of 36
SPECIFICATIONS
VH = 3.0 V to 14.4 V1, VPx = 3.0 V to 6.0 V1, TA = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY ARBITRATION
VH, VPx
3.0
V
Minimum supply required on one of the VH, VPx pins
VPx
6.0
V
Maximum VDDCAP = 5.1 V, typical
VH
14.4
V
VDDCAP = 4.75 V
VDDCAP
2.7
4.75
5.4
V
Regulated LDO output
CVDDCAP
10
μF
Minimum recommended decoupling capacitance
POWER SUPPLY
Supply Current, IVH, IVPx
4.2
6
mA
VDDCAP = 4.75 V, PDO1 to PDO10 off, DACs off, ADC off
Additional Currents
All PDO FET Drivers On
1
mA
VDDCAP = 4.75 V, PDO1 to PDO6 loaded with 1 μA each,
PDO7 to PDO10 off
Current Available from VDDCAP
2
mA
Maximum additional load that can be drawn from all
PDO pull-ups to VDDCAP
DAC Supply Currents
2.2
mA
Six DACs on with 100 μA maximum load on each
ADC Supply Current
1
mA
Running round-robin loop
EEPROM Erase Current
10
mA
1 ms duration only, VDDCAP = 3 V
SUPPLY FAULT DETECTORS
VH Pin
Input Impedance
52
Input Attenuator Error
±0.05
%
Midrange and high range
Detection Ranges
High Range
6
14.4
V
Midrange
2.5
6
V
VPx Pins
Input Impedance
52
Input Attenuator Error
±0.05
%
Low range and midrange
Detection Ranges
Midrange
2.5
6
V
Low Range
1.25
3
V
Ultralow Range
0.573
1.375
V
No input attenuation error
VXx Pins
Input Impedance
1
Detection Range
Ultralow Range
0.573
1.375
V
No input attenuation error
Absolute Accuracy
±1
%
VREF error + DAC nonlinearity + comparator offset error +
input attenuation error
Threshold Resolution
8
Bits
Digital Glitch Filter
0
μs
Minimum programmable filter length
100
μs
Maximum programmable filter length
ANALOG-TO-DIGITAL CONVERTER
Signal Range
0
VREFIN
V
The ADC can convert signals presented to the VH, VPx,
and VXx pins; VPx and VH input signals are attenuated
depending on the selected range; a signal at the pin
corresponding to the selected range is from 0.573 V to
1.375 V at the ADC input
Input Reference Voltage on REFIN Pin, VREFIN
2.048
V
Resolution
12
Bits
INL
±2.5
LSB
Endpoint corrected, VREFIN = 2.048 V
Gain Error
±0.05
%
VREFIN = 2.048 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn