Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1062 Datasheet(PDF) 33 Page - Analog Devices

Part No. ADM1062
Description  Super Sequencer with Margining Control and Temperature Monitoring
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1062 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADM1062_15 Datasheet HTML 28Page - Analog Devices ADM1062_15 Datasheet HTML 29Page - Analog Devices ADM1062_15 Datasheet HTML 30Page - Analog Devices ADM1062_15 Datasheet HTML 31Page - Analog Devices ADM1062_15 Datasheet HTML 32Page - Analog Devices ADM1062_15 Datasheet HTML 33Page - Analog Devices ADM1062_15 Datasheet HTML 34Page - Analog Devices ADM1062_15 Datasheet HTML 35Page - Analog Devices ADM1062_15 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
ADM1062
Rev. C | Page 33 of 36
Block Read
Error Correction
In a block read operation, the master device reads a block of
data from a slave device. The start address for a block read must
have been set previously. In the ADM1062, this is done by a
send byte operation to set a RAM address, or a write byte/word
operation to set an EEPROM address. The block read operation
itself consists of a send byte operation that sends a block read
command to the slave, immediately followed by a repeated start
and a read operation that reads out multiple data bytes, as follows:
The ADM1062 provides the option of issuing a packet error
correction (PEC) byte after a write to the RAM, a write to the
EEPROM, a block write to the RAM/EEPROM, or a block read
from the RAM/ EEPROM. This option enables the user to verify
that the data received by or sent from the ADM1062 is correct.
The PEC byte is an optional byte sent after the last data byte has
been written to or read from the ADM1062. The protocol is the
same as a block read for Step 1 to Step 12 and then proceeds as
follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
write bit (low).
13. The ADM1062 issues a PEC byte to the master. The master
checks the PEC byte and issues another block read if the
PEC byte is incorrect.
3.
The addressed slave device asserts an ACK on SDA.
4.
The master sends a command code that tells the slave
device to expect a block read. The ADM1062 command
code for a block read is 0xFD (1111 1101).
14. A NACK is generated after the PEC byte to signal the end
of the read.
15. The master asserts a stop condition on SDA to end the
transaction.
5.
The slave asserts an ACK on SDA.
6.
The master asserts a repeat start condition on SDA.
Note that the PEC byte is calculated using CRC-8. The frame
check sequence (FCS) conforms to CRC-8 by the polynomial
7.
The master sends the 7-bit slave address followed by the
read bit (high).
C(x) = x8 + x2 + x1 + 1
8.
The slave asserts an ACK on SDA.
9.
The ADM1062 sends a byte-count data byte that tells the
master how many data bytes to expect. The ADM1062
always returns 32 data bytes (0x20), which is the maximum
allowed by the SMBus Version 1.1 specification.
See the SMBus Version 1.1 specification for details.
An example of a block read with the optional PEC byte is shown
in Figure 50.
SLAVE
ADDRESS
SW A
2
COMMAND 0xFD
(BLOCK READ)
4
13
A
5
S
6
SLAVE
ADDRESS
7
BYTE
COUNT
910
12
11
A
RA
8
DATA
1
DATA
32
A
13
PEC
14
A
15
P
A
10. The master asserts an ACK on SDA.
11. The master receives 32 data bytes.
12. The master asserts an ACK on SDA after each data byte.
13. The master asserts a stop condition on SDA to end
the transaction.
SLAVE
ADDRESS
SW A
2
COMMAND 0xFD
(BLOCK READ)
4
13
A
5
S
6
SLAVE
ADDRESS
7
BYTE
COUNT
910
11
A
RA
8
DATA
1
DATA
32
A
13
12
P
A
Figure 50. Block Read from the EEPROM or RAM with PEC
Figure 49. Block Read from the EEPROM or RAM


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn