Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1060 Datasheet(PDF) 17 Page - Analog Devices

Part No. ADM1060
Description  Communications System Supervisory/Sequencing Circuit
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADM1060 Datasheet(HTML) 17 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
ADM1060
Rev. B | Page 17 of 52
POSITIVE VOLTAGE SUPPLY FAULT DETECT (PSn SFD) REGISTERS
Table 15. Register 0xB8, 0xC0, 0xC8, 0xD0 PSnOVTH
(Power-On Default 0xFF)
Bit
Name
R/W
Description
7−0
OV7−OV0
R/W
8-Bit Digital Value for OV Thresh-
old on PSn SFD.
Table 16. Register 0xB9, 0xC1, 0xC9, 0xD1 PSnOVHYST
(Power-On Default 0x00)
Bit
Name
R/W
Description
7–5
Reserved
N/A
Cannot Be Used
4−0
HY4−HY0
R/W
5-Bit Digital Value for Hysteresis
on OV Threshold of PSn SFD
Table 17. Register 0xBA, 0xC2, 0xCA, 0xD2 PSnUVTH
(Power-On Default 0x00)
Bit
Name
W
Description
7−0
UV7−UV0
R/W
8-Bit Digital Value for UV Thresh-
old on PSn SFD
Table 18. Register 0xBB, 0xC3, 0xCB, 0xD3 PSnUVHYST
(Power-On Default 0x00)
Bit
Name
W
Description
7−5
Reserved
N/A
Cannot Be Used
4−0
HY4−HY0
R/W
5-Bit Digital Value for Hysteresis
on UV Threshold of PSn SFD
Table 19. Register 0xBC, 0xC4, 0xCC, 0xD4 PSnSEL (Power-On Default 0x00)
Bit
Name
R/W
Description
7
Reserved
N/A
Cannot Be Used
GF2
GF1
GF0
Glitch Filter Delay (µs)
0
0
0
0
0
0
1
5
0
1
0
10
0
1
1
20
1
0
0
30
1
0
1
50
1
1
0
75
6−4
GF2−GF0
R/W
1
1
1
100
RSEL1
RSEL0
Bottom of Range
Top of Range
Step Size (mV)
0
0
2 V
6 V
15.6
0
1
1 V
3 V
7.8
3−2
RSEL1−RESL0
R/W
1
X
0.6 V
1.8 V
4.7
FS1
FS0
Fault Select Type
0
0
Overvoltage
0
1
Undervoltage
1
0
Out-of-Window
1–0
FS1−FS0
R/W
1
1
Not Allowed


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn