Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1060 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM1060
Description  Communications System Supervisory/Sequencing Circuit
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1060 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM1060_15 Datasheet HTML 10Page - Analog Devices ADM1060_15 Datasheet HTML 11Page - Analog Devices ADM1060_15 Datasheet HTML 12Page - Analog Devices ADM1060_15 Datasheet HTML 13Page - Analog Devices ADM1060_15 Datasheet HTML 14Page - Analog Devices ADM1060_15 Datasheet HTML 15Page - Analog Devices ADM1060_15 Datasheet HTML 16Page - Analog Devices ADM1060_15 Datasheet HTML 17Page - Analog Devices ADM1060_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
ADM1060
Rev. B | Page 14 of 52
SFD REGISTER NAMES
Table 4. List of Registers for the Supply Fault Detectors
Hex
Address
Table
Name
Default
Power-On Value
Description
A0
Table 5
BS1OVTH
0xFF
Overvoltage Threshold for Bipolar Voltage SFD1 (BS1SFD)
A1
Table 6
BS1OVHYST
0x00
Digital Hysteresis on OV Threshold for BS1SFD
A2
Table 7
BS1UVTH
0x00
Undervoltage Threshold for BS1SFD
A3
Table 8
BS1UVHYST
0x00
Digital Hysteresis on UV Threshold for BS1SFD
A4
Table 9
BS1SEL
0x00
Glitch Filter, Range, and Fault Type Select for BS1SFD
A8
Table 5
BS2OVTH
0xFF
Overvoltage Threshold for Bipolar Voltage SFD2 (BS2SFD)
A9
Table 6
BS2OVHYST
0x00
Digital Hysteresis on OV Threshold for BS2SFD
AA
Table 7
BS2UVTH
0x00
Undervoltage Threshold for BS2SFD
AB
Table 8
BS2UVHYST
0x00
Digital Hysteresis on UV Threshold for BS2SFD
AC
Table 9
BS2SEL
0x00
Glitch Filter, Range, and Fault Type Select for BS2SFD
B0
Table 10
HSOVTH
0xFF
Overvoltage Threshold for High Voltage SFD (HVSFD)
B1
Table 11
HSOVHYST
0x00
Digital Hysteresis on OV Threshold for HVSFD
B2
Table 12
HSUVTH
0x00
Undervoltage Threshold for HVSFD
B3
Table 13
HSUVHYST
0x00
Digital Hysteresis on UV Threshold for HVSFD
B4
Table 14
HSSEL
0x00
Glitch Filter, Range, and Fault Type Select for HVSFD
B8
Table 15
PS1OVTH
0xFF
Overvoltage Threshold for Positive Voltage SFD1 (PS1SFD)
B9
Table 16
PS1OVHYST
0x00
Digital Hysteresis on OV Threshold for PS1SFD
BA
Table 17
PS1UVTH
0x00
Undervoltage Threshold for PS1SFD
BB
Table 18
PS1UVHYST
0x00
Digital Hysteresis on UV Threshold for PS1SFD
BC
Table 19
PS1SEL
0x00
Glitch Filter, Range, and Fault Type Select for PS1SFD
C0
Table 15
PS2OVTH
0xFF
Overvoltage Threshold for Positive Voltage SFD2 (PS2SFD)
C1
Table 16
PS2OVHYST
0x00
Digital Hysteresis on OV Threshold for PS2SFD
C2
Table 17
PS2UVTH
0x00
Undervoltage Threshold for PS2SFD
C3
Table 18
PS2UVHYST
0x00
Digital Hysteresis on UV Threshold for PS2SFD
C4
Table 19
PS2SEL
0x00
Glitch Filter, Range, and Fault Type Select for PS2SFD
C8
Table 15
PS3OVTH
0xFF
Overvoltage Threshold for Positive Voltage SFD3 (PS3SFD)
C9
Table 16
PS3OVHYST
0x00
Digital Hysteresis on OV Threshold for PS3SFD
CA
Table 17
PS3UVTH
0x00
Undervoltage Threshold for PS3SFD
CB
Table 18
PS3UVHYST
0x00
Digital Hysteresis on UV Threshold for PS3SFD
CC
Table 19
PS3SEL
0x00
Glitch Filter, Range, and Fault Type Select for PS3SFD
D0
Table 15
PS4OVTH
0xFF
Overvoltage Threshold for Positive Voltage SFD4 (PS4SFD)
D1
Table 16
PS4OVHYST
0x00
Digital Hysteresis on OV Threshold for PS4SFD
D2
Table 17
PS4UVTH
0x00
Undervoltage Threshold for PS4SFD
D3
Table 18
PS4UVHYST
0x00
Digital Hysteresis on UV Threshold for PS4SFD
D4
Table 19
PS4SEL
0x00
Glitch Filter, Range, and Fault Type Select for PS4SFD


Similar Part No. - ADM1060_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1060ARU AD-ADM1060ARU Datasheet
303Kb / 45P
   Communications System Supervisory/Sequencing Circuit
REV. PrJ 11/02
More results

Similar Description - ADM1060_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1060 AD-ADM1060 Datasheet
303Kb / 45P
   Communications System Supervisory/Sequencing Circuit
REV. PrJ 11/02
logo
Maxim Integrated Produc...
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com