Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1060 Datasheet(PDF) 10 Page - Analog Devices

Part No. ADM1060
Description  Communications System Supervisory/Sequencing Circuit
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADM1060 Datasheet(HTML) 10 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
ADM1060
Rev. B | Page 10 of 52
TEMPERATURE (°C)
102
100
98
108
110
106
104
96
94
92
90
–40
–25
–10
5
20
35
50
65
80
Figure 14. Oscillator Frequency vs. Temperature
ILOAD (µA)
6.00
5.75
5.50
5.25
5.00
4.75
4.50
0
100
200
300
500
400
VVDDCAP = 2.7V
VVDDCAP = 4.75V
Figure 15. VCCP vs. Load Current
TEMPERATURE (°C)
3.0
2.5
2.0
1.5
1.0
0.5
0
–40
–25
–10
5
20
35
50
65
80
VVDDCAP = 2.7V
VVDDCAP = 4.75V
Figure 16. GPI Threshold vs. Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn