Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1060 Datasheet(PDF) 9 Page - Analog Devices

Part No. ADM1060
Description  Communications System Supervisory/Sequencing Circuit
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADM1060 Datasheet(HTML) 9 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
ADM1060
Rev. B | Page 9 of 52
TEMPERATURE (°C)
1.5%
1.0%
0.5%
0.0%
–0.5%
–1.0%
–1.5%
–40
–25
–10
5
20
35
50
65
80
VVDDCAP = 4.75V
VVDDCAP = 2.7V
Figure 8. Percent Deviation in VTHRESH vs. Temperature
TEMPERATURE (°C)
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
–40
–25
–10
5
20
35
65
50
80
1
µA LOAD
0
µA LOAD
Figure 9. VPDO (FET Drive Mode) vs. Temperature
ILOAD (mA)
3.0
3.5
4.0
4.5
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2
VVP1 = 3.3V
VVP1 = 5V
Figure 10. VPDO (Strong Pull-Up to VP1) vs. Load Current
ILOAD (µA)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
5
10
15
20
25
30
40
35
VVP1 = 5V
VVP1 = 3.3V
Figure 11. VPDO (Weak Pull-Up to VP1) vs. Load Current
ILOAD (mA)
1.00
0.75
0.50
0.25
0
02
4
6
10
8
Figure 12. VPDO (Strong Pull-Down) vs. Load Current
ILOAD (µA)
1.2
1.4
1.6
1.8
2.0
1.0
0.8
0.6
0.4
0.2
0
010
20
30
40
50
60
80
70
Figure 13. VPDO (Weak Pull-Down) vs. Load Current


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn