Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1060 Datasheet(PDF) 39 Page - Analog Devices

Part No. ADM1060
Description  Communications System Supervisory/Sequencing Circuit
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADM1060 Datasheet(HTML) 39 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
ADM1060
Rev. B | Page 39 of 52
MASK REGISTERS
Table 52. List of Mask Registers
Hex Addr.
Table
Name
Default Power On Value
Description
9D
Table 53
ERRMASK1
0x00
Error Mask Register for the seven SFDs
9E
Table 54
ERRMASK2
0x00
Error Mask Register for the four GPIs and the Watchdog Detector
Table 53. Bit Map for ERRMASK1 Register 0x9D (Power-On Default 0x00)
Bit
Name
R/W
Description
7
Reserved
X
Unused
6
VP4MASK
R/W
If high, a fault occurring on the supply at input VP4 is ignored and not logged in LATF1.
5
VP3MASK
R/W
If high, a fault occurring on the supply at input VP3 is ignored and not logged in LATF1.
4
VP2MASK
R/W
If high, a fault occurring on the supply at input VP2 is ignored and not logged in LATF1.
3
VP1MASK
R/W
If high, a fault occurring on the supply at input VP1 is ignored and not logged in LATF1.
2
VHMASK
R/W
If high, a fault occurring on the supply at input VH is ignored and not logged in LATF1.
1
VB2MASK
R/W
If high, a fault occurring on the supply at input VB2 is ignored and not logged in LATF1.
0
VB1MASK
R/W
If high, a fault occurring on the supply at input VB1 is ignored and not logged in LATF1.
Table 54. Bit Map for ERRMASK2 Register 0x9E (Power-On Default 0x00)
Bit
Name
R/W
Description
7–5
Reserved
X
Unused
4
WDIMASK
R/W
If high, a change in the logic level on the WDI output is ignored and not logged in LATF2.
3
GPI4MASK
R/W
If high, a change in the logic level on the GPI4 input is ignored and not logged in LATF2.
2
GPI3MASK
R/W
If high, a change in the logic level on the GPI3 input is ignored and not logged in LATF2.
1
GPI2MASK
R/W
If high, a change in the logic level on the GPI2 input is ignored and not logged in LATF2.
0
GPI1MASK
R/W
If high, a change in the logic level on the GPI1 input is ignored and not logged in LATF2.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn