Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1060 Datasheet(PDF) 4 Page - Analog Devices

Part No. ADM1060
Description  Communications System Supervisory/Sequencing Circuit
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADM1060 Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
ADM1060
Rev. B | Page 4 of 52
8
9
10
11
12
13
14
28
27
26
25
24
6
7
5
43
21
15
16
17
18
19
20
21
22
23
VH
VP1
VP2
VP3
VP4
VB1
VB2
GPI1
GPI2
GPI3
GPI4
WDI
GND
VCCP
PDO9
PDO8
PDO7
PDO6
PDO5
PDO4
PDO3
PDO2
PDO1
PDO9
PDO8
PDO7
PDO6
PDO5
PDO4
PDO3
PDO2
PDO1
PROGRAMMABLE
DELAY BLOCKS
PDB9
PDB8
PDB7
PDB6
PDB5
PDB4
PDB3
PDB2
PDB1
PLB
MACROCELL 1
PLB
MACROCELL 2
PLB
MACROCELL 3
PLB
MACROCELL 4
PLB
MACROCELL 5
PLB
MACROCELL 6
PLB
MACROCELL 7
PLB
MACROCELL 8
PLB
MACROCELL 9
PROGRAMMABLE
LOGIC BLOCK
ARRAY
(PLBA)
HIGH SUPPLY
(14.4V)
FAULT DETECTOR
POSITIVE
SUPPLY FAULT
DETECTOR 1
POSITIVE
SUPPLY FAULT
DETECTOR 4
BIPOLAR
SUPPLY FAULT
DETECTOR 1
BIPOLAR
SUPPLY FAULT
DETECTOR 2
INPUT LOGIC
SIGNAL
CONDITION
WATCHDOG
FAULT
DETECTOR
VREF
ADM1060
INTERNAL
5.25V SUPPLY
REGULATED
5.25V SUPPLY
CHARGE PUMP
VDD
ARBITRATOR
SMBus INTERFACE
DEVICE
CONTROLLER
EEPROM
DATA, ADDRESS, AND
WRITE ENABLE BUSES
TO STORE CONTROL
INFORMATION LOCAL
TO FUNCTIONS
tRISE tFALL
tRISE tFALL
tRISE tFALL
tRISE tFALL
tRISE tFALL
tRISE tFALL
tRISE tFALL
tRISE tFALL
tRISE tFALL
SMBus DATA
100kHz CLOCK
Figure 1. Functional Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn