Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1041A Datasheet(PDF) 31 Page - Analog Devices

Part # ADM1041A
Description  Secondary-Side Controller with Current Share and Housekeeping
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041A Datasheet(HTML) 31 Page - Analog Devices

Back Button ADM1041A_15 Datasheet HTML 27Page - Analog Devices ADM1041A_15 Datasheet HTML 28Page - Analog Devices ADM1041A_15 Datasheet HTML 29Page - Analog Devices ADM1041A_15 Datasheet HTML 30Page - Analog Devices ADM1041A_15 Datasheet HTML 31Page - Analog Devices ADM1041A_15 Datasheet HTML 32Page - Analog Devices ADM1041A_15 Datasheet HTML 33Page - Analog Devices ADM1041A_15 Datasheet HTML 34Page - Analog Devices ADM1041A_15 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
ADM1041A
Rev. 0 | Page 31 of 56
GENERAL SMBus TIMING
The SMBus specification defines specific conditions for
different types of read and write operations. General SMBus
read and write operations are shown in the timing diagrams of
Figure 25, Figure 26, and Figure 27, and described in the
following sections.
The general SMBus protocol operates as follows.
The master initiates data transfer by establishing a start
condition, defined as a high-to-low transition on the serial data
line, SDA, while the serial clock line, SCL, remains high. This
indicates that a data stream follows. All slave peripherals
connected to the serial bus respond to the start condition and
shift in the next 8 bits, consisting of a 7-bit slave address (MSB
first), plus an R/W bit, which determines the direction of the
data transfer, that is, whether data is written to or read from the
slave device (0 = write, 1 = read).
The peripheral whose address corresponds to the transmitted
address responds by pulling the data line low during the low
period before the ninth clock pulse, known as the Acknowledge
bit, and holding it low during the high period of this clock
pulse. All other devices on the bus remain idle while the
selected device waits for data to be read from or written to it. If
the R/W bit is a 0, then the master writes to the slave device. If
the R/W bit is a 1, the master reads from the slave device.
Data is sent over the serial bus in sequences of nine clock
pulses, eight bits of data, followed by an Acknowledge bit from
the slave device. Data transitions on the data line must occur
during the low period of the clock signal and remain stable
during the high period, because a low-to-high transition when
the clock is high may be interpreted as a stop signal.
If the operation is a write operation, the first data byte after the
slave address is a command byte. This tells the slave device what
to expect next. It may be an instruction, such as telling the slave
device to expect a block write, or it may be a register address
that tells the slave where subsequent data is to be written.
Because data can flow in only one direction as defined by the
R/W bit, it is not possible to send a command to a slave device
during a read operation. Before doing a read operation, it might
first be necessary to perform a write operation to tell the slave
what sort of read operation to expect and/or the address from
which data is to be read.
When all data bytes have been read or written, stop conditions
are established. In write mode, the master pulls the SDA line
high during the tenth clock pulse to assert a stop condition. In
read mode, the master device releases the SDA line during the
low period before the ninth clock pulse, but the slave device
does not pull it low. This is known as No Acknowledge. The
master then takes the data line low during the low period before
the tenth clock pulse, then high during the tenth clock pulse to
assert a stop condition.
Note:
If it is required to perform several read or write
operations in succession, the master can send a repeat start
condition instead of a stop condition to begin a new operation.
START BY
MASTER
STOP BY
MASTER
ACK. BY
ADM1041A
ACK. BY
ADM1041A
ACK. BY
ADM1041A
A6
19
1
9
9
A5
A4
A3
A2
A1
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
SCLK
SDATA
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
FRAME 3
DATA BYTE
SDATA (CONTINUED)
SCLK (CONTINUED)
9
1
D7
D6
D5
D4
D3
D2
D1
D0
Figure 25. Writing a Register Address to the Address Pointer Register, then Writing Data to the Selected Register


Similar Part No. - ADM1041A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041AARQZ AD-ADM1041AARQZ Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ-REEL AD-ADM1041AARQZ-REEL Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ-REEL7 AD-ADM1041AARQZ-REEL7 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041ARQ AD-ADM1041ARQ Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041ARQ-REEL AD-ADM1041ARQ-REEL Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
More results

Similar Description - ADM1041A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
   Secondary Side Housekeeping Circuit
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
LD8115 LEADTREND-LD8115 Datasheet
554Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com