Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF275G Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MRF275G
Description  The RF MOSFET Line
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF275G Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MRF275G_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF275G_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF275G_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF275G_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF275G_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF275G_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MRF275G_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MRF275G_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MRF275G_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
The RF MOSFET Line
150W, 500MHz, 28V
M/A-COM Products
Released - Rev. 07.07
MRF275G
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.


Similar Part No. - MRF275G_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF275G MA-COM-MRF275G_17 Datasheet
1Mb / 20P
   The RF MOSFET Line 150W, 500MHz, 28V
More results

Similar Description - MRF275G_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF177 MA-COM-MRF177_15 Datasheet
438Kb / 11P
   The RF MOSFET Line
MRF173 MA-COM-MRF173_15 Datasheet
343Kb / 12P
   The RF MOSFET Line
MRF136 MA-COM-MRF136_17 Datasheet
1Mb / 13P
   The RF MOSFET Line
MRF173CQ MA-COM-MRF173CQ_17 Datasheet
681Kb / 10P
   The RF MOSFET Line
MRF171A MA-COM-MRF171A_15 Datasheet
472Kb / 14P
   The RF MOSFET Line
MRF175LU MA-COM-MRF175LU_15 Datasheet
238Kb / 7P
   The RF MOSFET Line
MRF275L MA-COM-MRF275L_15 Datasheet
541Kb / 17P
   The RF MOSFET Line
MRF140 MA-COM-MRF140_17 Datasheet
802Kb / 11P
   The RF MOSFET Line
MRF136 MA-COM-MRF136 Datasheet
604Kb / 12P
   The RF MOSFET Line
MRF136Y MA-COM-MRF136Y Datasheet
412Kb / 10P
   The RF MOSFET Line
MRF166W MA-COM-MRF166W_15 Datasheet
567Kb / 11P
   The RF MOSFET Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com