Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT6031 Datasheet(PDF) 3 Page - ADTech

Part # ADT6031
Description  LED Controller with Active PFC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT6031 Datasheet(HTML) 3 Page - ADTech

  ADT6031 Datasheet HTML 1Page - ADTech ADT6031 Datasheet HTML 2Page - ADTech ADT6031 Datasheet HTML 3Page - ADTech ADT6031 Datasheet HTML 4Page - ADTech ADT6031 Datasheet HTML 5Page - ADTech ADT6031 Datasheet HTML 6Page - ADTech ADT6031 Datasheet HTML 7Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
May 26. 2014 / Preliminary
3/7
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT6031
PSR LED Driver
ABSOLUTE MAXIMUM RATINGS (Note1)
PARAMETER
SYMBOL
RATING
UNIT
Ground Voltage
GND
-0.3
V
Power Voltage
VCC
-0.3 ~ 40
V
Gate Driver Output
OUT
-0.3 ~18
V
ZCD
ZCD
-0.7 ~ 6
V
All other pins
VREG5,DIM,MULT,CS
-0.3 ~ 6
V
Power Dissipation(Note2)
P
D
-
W
Junction Temperature
T
J
-40 ~ 150
Storage Temperature
T
STG
-65 ~ 150
Thermal Resistance (Note3)
θ
JA
150
℃/W
Note1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
Note2. Junction to ambient temperature is highly dependent upon the application and board layout .
The maximum allowable power dissipation can be calculated by P
D (Max) = (TJ(Max) – TA)/θJA.
If exceeding the maximum allowable power dissipation, the device goes to the shutdown conditions by over
temperature protection.
Note3. Measured on JESD51-7, 4-layer PCB
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
VCC
-
20
-
V
Operating temperature
T
OPR
-40
-
+85
Junction temperature
T
J
-40
-
+125
Recommended Operating Conditions (Note4)
Note4. The device is not guaranteed to function outside of its operating conditions


Similar Part No. - ADT6031

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
   Constant current offline LED driver IC
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
   Dimmable CC / CV IC for LED Lighting
More results

Similar Description - ADT6031

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3799 LINER-LT3799 Datasheet
1Mb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
logo
Monolithic Power System...
MP4054 MPS-MP4054 Datasheet
758Kb / 19P
   Non-isolated Offline LED Controller with Active PFC
logo
Linear Technology
LT3799 LINER-LT3799_15 Datasheet
265Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
LT3799-1 LINER-LT3799-1_15 Datasheet
216Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
logo
Monolithic Power System...
MP4021A MPS-MP4021A Datasheet
616Kb / 21P
   Primary Side Control Offline LED Controller with Active PFC
MP4051 MPS-MP4051 Datasheet
600Kb / 16P
   Non-isolated Solution Offline LED Controller with Active PFC
MP4026 MPS-MP4026 Datasheet
1Mb / 18P
   Primary-Side-Control, Offline LED Controller with Active PFC
logo
Richtek Technology Corp...
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
   Primary-Side-Regulation LED Driver Controller with Active PFC
logo
Monolithic Power System...
MP4056 MPS-MP4056 Datasheet
1Mb / 26P
   TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
MP4030 MPS-MP4030 Datasheet
643Kb / 21P
   TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com