Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ288 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ288
Description  P-Channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ288 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ288_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SJ288_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SJ288_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
P-Channel MOSFET
2SJ288
Features
VDS (V) =-60V
ID =-0.5 A
RDS(ON) < 3Ω (VGS =-10V)
RDS(ON) < 4Ω (VGS =-4V)
1.70 0.1
0.42 0.1
0.46 0.1
1.Gate
2.Drain
3.Source
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-60
Gate-Source Voltage
VGS
±
15
Continuous Drain Current
ID
-0.5
Pulsed Drain Current (Note.1)
IDM
-2
3.5
1.3
Junction Temperature
TJ
150
Junction Storage Temperature Range
Tstg
-55 to 150
Power Dissipation
PD
W
V
A
Note.1: PW ≤ 10 us, duty cycle ≤ 1%
Tc = 25
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-1mA, VGS=0V
-60
V
Zero Gate Voltage Drain Current
IDSS
VDS=-60V, VGS=0V
-100
uA
Gate-Body leakage current
IGSS
VDS=0V, VGS=±12V
±
10
uA
Gate to Source Cutoff Voltage
VGS(off)
VGS=-10V ID=-1mA
-1
-2
V
VGS=-10V, ID=-250mA
3
VGS=-4V, ID=-250mA
4
Forward Transconductance
gFS
VDS=-10V, ID=-250mA
240
400
mS
Input Capacitance
Ciss
45
Output Capacitance
Coss
20
Reverse Transfer Capacitance
Crss
5
Turn-On DelayTime
td(on)
7
Turn-On Rise Time
tr
10
Turn-Off DelayTime
td(off)
35
Turn-Off Fall Time
tf
20
Diode Forward Voltage
VSD
IS=-0.5A,VGS=0V
-1
V
ns
See Speaified Test circuit
VGS=0V, VDS=-20V, f=1MHz
Static Drain-Source On-Resistance
RDS(On)
Ω
pF
Marking
Marking
JE


Similar Part No. - 2SJ288_15

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ288 SANYO-2SJ288 Datasheet
82Kb / 3P
   Very High-Speed Switching Applications
logo
Guangdong Kexin Industr...
2SJ288 KEXIN-2SJ288 Datasheet
42Kb / 1P
   P-Channel MOS Silicon FET
More results

Similar Description - 2SJ288_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com