Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ244 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ244
Description  P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ244 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ244_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SJ244_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SJ244_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SJ244_15 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
P-Channel MOSFET
2SJ244
Typical Characterisitics
0
0.5
1.0
1.5
2.0
50
100
150
200
Ambient Temperature Ta ( °C )
Maximum Channel Power Dissipation Curve
-0.1
-0.3
-1.0
-3
-10
-30
-100
-0.01
-0.03
-0.1
-0.3
-1.0
-3
-10
Drain to Source Voltage V
(V)
DS
Operation in this Area
is limited by RDS(on)
PW = 1 ms 1 shot
**on the alumina
ceramic board
DC
Operation
(Ta=25°C)
Maximum Safe Operation Area
0
-2
-4
-6
-8
-10
Drain to Source Voltage V
( V )
DS
-5
-4
-3
-2
-1
V
= -1.5 V
GS
-2
-2.5
-3
-3.5
- 4.5
-5
-4
Pulse Test
Typical Output Characteristics
0
-1
-3
-4
-5
-5
-4
-3
-2
-1
-2
Gate to Source Voltage V
( V )
GS
Ta = -25 °C
+25
+75
V = -5 V
DS
Pulse Test
Typical Forward Transfer Characteristics
-0.1
-0.2
-0.5
-1.0
-2
-5
-10
0.2
0.5
1.0
2
5
10
20
Drain Current I
(A)
D
V
= -5 V
DS
Pulse Test
Ta = -25 °C
+25
+75
Forward Transfer Admittance vs.
Drain Current
-0.1
-0.2
-0.5
-1.0
-2
-5
0.1
0.2
0.5
1.0
2
5
10
Drain Current I
(A)
D
V
= -4 V
GS
-2 V
-3 V
Pulse Test
Drain to Source on State Resistance vs.
Drain Current
-10


Similar Part No. - 2SJ244_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ244JYTL-E RENESAS-2SJ244JYTL-E Datasheet
76Kb / 7P
   Silicon P Channel MOS FET
2SJ244JYTR-E RENESAS-2SJ244JYTR-E Datasheet
76Kb / 7P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ244_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com