Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8551AL4-V Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS8551AL4-V
Description  ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8551AL4-V Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS8551AL4-V Datasheet HTML 1Page - Renesas Technology Corp PS8551AL4-V Datasheet HTML 2Page - Renesas Technology Corp PS8551AL4-V Datasheet HTML 3Page - Renesas Technology Corp PS8551AL4-V Datasheet HTML 4Page - Renesas Technology Corp PS8551AL4-V Datasheet HTML 5Page - Renesas Technology Corp PS8551AL4-V Datasheet HTML 6Page - Renesas Technology Corp PS8551AL4-V Datasheet HTML 7Page - Renesas Technology Corp PS8551AL4-V Datasheet HTML 8Page - Renesas Technology Corp PS8551AL4-V Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PS8551AL4
Chapter Title
R08DS0123EJ0100 Rev.1.00
Page 5 of 18
Jun 27, 2014
ELECTRICAL CHARACTERISTICS (DC Characteristics)
(TYP.: TA = 25
°C, VIN+ = VIN− = 0 V, VDD1 = VDD2 = 5 V,
MIN., MAX.: refer to RECOMMENDED OPERATING CONDITIONS, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
Vos
TA = 25
°C
−2
−0.25
2
mV
−3
−0.25
3
Input Offset Voltage Drift
vs. Temperature
⏐dVos/dTA
1.6
10
μV/°C
Gain
*1
G
−200 mV ≤ VIN+ ≤ 200 mV,
TA = 25
°C
7.92
8
8.08
V/V
Gain Drift vs. Temperature
⏐dG/dTA
0.0006
V/V
°C
VOUT Non-linearity (200 mV)
*2
NL200
−200 mV ≤ VIN+ ≤ 200 mV
0.014
0.35
%
VOUT Non-linearity (200 mV) Drift
vs. Temperature
⏐dNL200/dTA
0.0001
%/
°C
VOUT Non-linearity (100 mV)
*2
NL100
−100 mV ≤ VIN+ ≤ 100 mV
0.011
0.2
%
Maximum Input Voltage before VOUT
Clipping
⏐VIN+⏐MAX.
320
mV
Input Supply Current
IDD1
VIN+ = 400 mV
13.5
16
mA
Output Supply Current
IDD2
VIN+ =
−400 mV
7.8
16
mA
Input Bias Current
IIN+
VIN+ = 0V
−1
−0.65
1
μA
Input Bias Current Drift
vs. Temperature
⏐dIIN+/dTA
0.3
nA/
°C
Low Level Saturated Output Voltage
VOL
VIN+ =
−400 mV
1.29
V
High Level Saturated Output Voltage
VOH
VIN+ = 400 mV
3.8
V
Output Voltage (VIN+ = VIN− = 0 V)
VOCM
VIN+ = VIN− = 0 V
2.2
2.55
2.8
V
Output Short-circuit Current
⏐IOSC
20
mA
Equivalent Input Resistance
RIN
450
k
Ω
VOUT Output Resistance
ROUT
4
Ω
Input DC Common-Mode Rejection
Ratio
*3
CMRRIN
76
dB
*1 The differential output voltage (VOUT+
− VOUT−) with respect to the differential input voltage (VIN+ − VIN−), where VIN+ =
−200 mV to 200 mV and VIN− = 0 V) is measured under the circuit shown in Fig. 2 NL200, G Test Circuit. Upon
the resulting chart, the gain is defined as the slope of the optimum line obtained by using the method of least
squares.
*2 The differential output voltage (VOUT+
− VOUT−) with respect to the differential input voltage (VIN+ − VIN−) is measured
under the circuit shown in Fig. 2 NL200, G Test Circuit. Upon the resulting chart, the optimum line is obtained by
using the method of least squares. Non-linearity is defined as the ratio (%) of the optimum line obtained by dividing
[Half of the peak to peak value of the (residual) deviation] by [full-scale differential output voltage].
For example, if the differential output voltage is 3.2 V, and the peak to peak value of the (residual) deviation is 22.4
mV, while the input VIN+ is
±200 mV, the output non-linearity is obtained as follows:
NL200 = 22.4/(2
× 3 200) = 0.35%
*3 CMRRIN is defined as the ratio of the differential signal gain (when the differential signal is applied between the
input pins) to the common-mode signal gain (when both input pins are connected and the signal is applied). This
value is indicated in dB.


Similar Part No. - PS8551AL4-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8551AL4-V CEL-PS8551AL4-V Datasheet
942Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551AL4-V-AX CEL-PS8551AL4-V-AX Datasheet
942Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551AL4-V-E3 CEL-PS8551AL4-V-E3 Datasheet
942Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551AL4-V-E3-AX CEL-PS8551AL4-V-E3-AX Datasheet
942Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
More results

Similar Description - PS8551AL4-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8551AL4 CEL-PS8551AL4 Datasheet
942Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
Renesas Technology Corp
PS8352AL2 RENESAS-PS8352AL2 Datasheet
430Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4_15 RENESAS-PS8551L4_15_15 Datasheet
275Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4 RENESAS-PS8551L4 Datasheet
284Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
California Eastern Labs
PS8551L4 CEL-PS8551L4 Datasheet
3Mb / 18P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS9551-L4 CEL-PS9551-L4 Datasheet
201Kb / 11P
   HIGH CMR, DIGITAL OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER (SIGMA-DELTA MODULATOR)
logo
Burr-Brown (TI)
3656 BURR-BROWN-3656 Datasheet
149Kb / 17P
   Transformer Coupled ISOLATION AMPLIFIER
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com