Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2933-1-V-F3 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS2933-1-V-F3
Description  HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2933-1-V-F3 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS2933-1-V-F3 Datasheet HTML 1Page - Renesas Technology Corp PS2933-1-V-F3 Datasheet HTML 2Page - Renesas Technology Corp PS2933-1-V-F3 Datasheet HTML 3Page - Renesas Technology Corp PS2933-1-V-F3 Datasheet HTML 4Page - Renesas Technology Corp PS2933-1-V-F3 Datasheet HTML 5Page - Renesas Technology Corp PS2933-1-V-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2933-1-V-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2933-1-V-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2933-1-V-F3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PS2933-1e
R08DS0115EJ0100 Rev.1.00
Page 4 of 12
Nov 29, 2013
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 1 mA
0.9
1.1
1.3
V
Reverse Current
IR
VR = 5 V
5
μA
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
15
pF
Transistor Collector to Emitter
Current
ICEO
VCE = 350V
400
nA
Coupled
Current Transfer Ratio
(IC/IF)
CTR
IF = 1 mA, VCE = 2 V
400
2 000
4 500
%
Collector Saturation
Voltage
VCE(SAT)
IF = 1 mA, IC = 2 mA
0.8
1
V
Isolation Resistance
RI-O
VI-O = 1 kVDC
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.4
pF
Rise Time
*1
tr
VCC = 5 V, IC = 10 mA, RL = 100
Ω
20
μs
Fall Time
*1
tf
5
Note: *1. Test circuit for switching time
VCC
VOUT
IF
PW = 1 ms
Duty cycle = 1/10
Pulse Input
90%
10%
tr
td
tf
ts
ton
toff
Input
Output
<R>


Similar Part No. - PS2933-1-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2933-1-V-F3 CEL-PS2933-1-V-F3 Datasheet
1Mb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2933-1-V-F3 RENESAS-PS2933-1-V-F3 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1-V-F3 RENESAS-PS2933-1-V-F3 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
logo
California Eastern Labs
PS2933-1-V-F3-AX CEL-PS2933-1-V-F3-AX Datasheet
1Mb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2933-1-V-F3-AX RENESAS-PS2933-1-V-F3-AX Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
More results

Similar Description - PS2933-1-V-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS2932-1 NEC-PS2932-1 Datasheet
84Kb / 6P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4 PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
California Eastern Labs
PS2933-1 CEL-PS2933-1 Datasheet
1Mb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_16 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1 RENESAS-PS2933-1_V01 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
PS2913-1 RENESAS-PS2913-1_15 Datasheet
377Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
PS2913-1 RENESAS-PS2913-1_V01 Datasheet
476Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
California Eastern Labs
PS2913-1 CEL-PS2913-1 Datasheet
352Kb / 10P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2913-1 RENESAS-PS2913-1_16 Datasheet
400Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2913-1 ETC-PS2913-1 Datasheet
112Kb / 6P
   NECs SINGLE TR. OUTPUT, HIGH COLLECTOR-EMITTER VOLTAGE, 4-PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Sharp Corporation
PC4H510NIP0F SHARP-PC4H510NIP0F Datasheet
194Kb / 12P
   Mini-flat Half-pitch Package, High Collector-emitter Voltage High Collector-emitter Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com