Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM241L Datasheet(PDF) 9 Page - Analog Devices

Part # ADM241L
Description  CMOS RS-232 Drivers/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM241L Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM241L_15 Datasheet HTML 5Page - Analog Devices ADM241L_15 Datasheet HTML 6Page - Analog Devices ADM241L_15 Datasheet HTML 7Page - Analog Devices ADM241L_15 Datasheet HTML 8Page - Analog Devices ADM241L_15 Datasheet HTML 9Page - Analog Devices ADM241L_15 Datasheet HTML 10Page - Analog Devices ADM241L_15 Datasheet HTML 11Page - Analog Devices ADM241L_15 Datasheet HTML 12Page - Analog Devices ADM241L_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADM231L–ADM234L/ADM236L–ADM241L
Rev. C | Page 9 of 20
TYPICAL OPERATING CIRCUITS
ADM231L
1
µF
+16V
C1+
C1–
T1IN
T1
T1OUT
T2IN
T2
T2OUT
RS-232
OUTPUTS
R1OUT
R1
R1IN
R2OUT
R2IN
TTL/CMOS
OUTPUTS
R2
V–
1
µF
+16V
+12V TO –12V
VOLTAGE
INVERTER
V+
GND
+7.5V TO +13.2V
VCC
1
µF
+5V INPUT
TTL/CMOS
INPUTS1
RS-232
INPUTS2
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
1
2
8
7
9
6
12
5
10
4
11
3
13
14
Figure 17. ADM231L Typical Operating Circuit (PDIP Pinout)
ADM232L
1
µF
+6.3V
1
µF
+16V
C1+
C1–
C2–
C2+
T1IN
T1
T1OUT
T2IN
T2
T2OUT
RS-232
OUTPUTS
R1OUT
R1
R1IN
R2OUT
R2IN
TTL/CMOS
OUTPUTS
R2
V–
1
µF
+16V
+10V TO –10V
VOLTAGE
INVERTER
1
µF
+6.3V
1
µF
+6.3V
5V INPUT
V+
VCC
+5V TO +10V
VOLTAGE
DOUBLER
GND
TTL/CMOS
INPUTS1
RS-232
INPUTS2
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
Figure 18. ADM232L Typical Operating Circuit
ADM233L
C1+
C1–
V–
V–
T1IN
T1
T1OUT
T2IN
T2
T2OUT
RS-232
OUTPUTS
R1OUT
R1
R1IN
R2OUT
R2IN
TTL/CMOS
OUTPUTS
R2
C2–
C2+
VCC
GND
+5V INPUT
GND
INTERNAL
–10V POWER
SUPPLY
INTERNAL
+10V POWER
SUPPLY
V+
C2+
C2–
DO NOT MAKE
CONNECTIONS TO
THESE PINS
TTL/CMOS
INPUTS1
RS-232
INPUTS2
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
Figure 19. ADM233L Typical Operating Circuit
ADM234L
1
µF
+6.3V
1
µF
+16V
C1+
C1–
C2–
C2+
T1IN
T1
T1OUT
T2IN
T2
T2OUT
RS-232
OUTPUTS
V–
1
µF
+16V
+10V TO –10V
VOLTAGE
INVERTER
1
µF
+6.3V
1
µF
+6.3V
5V INPUT
V+
VCC
+5V TO +10V
VOLTAGE
DOUBLER
T3
T4
T3IN
T4IN
GND
T3OUT
T4OUT
TTL/CMOS
INPUTS1
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
Figure 20. ADM234L Typical Operating Circuit


Similar Part No. - ADM241L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM241LAR AD-ADM241LAR Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM241LARS AD-ADM241LARS Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM241LJR AD-ADM241LJR Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM241LJRS AD-ADM241LJRS Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
More results

Similar Description - ADM241L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM232A AD-ADM232A_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM232L AD-ADM232L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM231L AD-ADM231L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM233L AD-ADM233L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM234L AD-ADM234L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM238L AD-ADM238L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM222 AD-ADM222_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM237L AD-ADM237L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM205 AD-ADM205_15 Datasheet
363Kb / 12P
   CMOS RS-232 Drivers/Receivers
REV. 0
ADM242 AD-ADM242_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com