Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5500 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5500
Description  100 MHz to 6 GHz TruPwr Detector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5500 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5500_15 Datasheet HTML 15Page - Analog Devices ADL5500_15 Datasheet HTML 16Page - Analog Devices ADL5500_15 Datasheet HTML 17Page - Analog Devices ADL5500_15 Datasheet HTML 18Page - Analog Devices ADL5500_15 Datasheet HTML 19Page - Analog Devices ADL5500_15 Datasheet HTML 20Page - Analog Devices ADL5500_15 Datasheet HTML 21Page - Analog Devices ADL5500_15 Datasheet HTML 22Page - Analog Devices ADL5500_15 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADL5500
Rev. A | Page 19 of 24
The high accuracy range center varies over frequency. At
900 MHz, the region is centered at approximately 3 dBm. At
higher frequencies, the high accuracy range is centered at
higher input powers (see Figure 16 to Figure 21).
DRIFT OVER A REDUCED TEMPERATURE RANGE
Figure 44 shows the error over temperature for a 1.9 GHz input
signal. Error due to drift over temperature consistently remains
within ±0.25 dB and only begins to exceed this limit when the
ambient temperature goes above +50°C and below −10°C. For
all frequencies using a reduced temperature range, higher
measurement accuracy is achievable.
1.00
–1.00
–20
15
INPUT (dBm)
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–15
–10
–5
0
5
10
+85°C
+70°C
+50°C
+30°C
+25°C
+15°C
0°C
–10°C
–25°C
–40°C
Figure 44. Typical Drift at 1.9 GHz for Various Temperatures
OPERATION ABOVE 4.0 GHz
The ADL5500 works at frequencies above 4.0 GHz, but exhibits
slightly higher output voltage temperature drift. Figure 45 and
Figure 46 show the error distributions of six devices at 5.0 GHz
and 6.0 GHz over temperature. Although the temperature drift
is larger than at lower frequencies, the error distributions at
each temperature remain tight throughout the central linear
region. Due to the repeatability of the drift from part-to-part,
compensation can be applied to reduce the effects of
temperature drift.
3
–3
–25
15
INPUT (dBm)
2
1
0
–1
–2
–20
–15
–10
–5
0
5
10
Figure 45. Temperature Drift Distributions for Six Devices at −40°C, +25°C,
and +85°C After Ambient Normalization, Frequency 5.0 GHz, Supply 5.0 V
3
–3
–25
15
INPUT (dBm)
2
1
0
–1
–2
–20
–15
–10
–50
510
Figure 46. Temperature Drift Distributions for Six Devices at −40°C, +25°C,
and +85°C After Ambient Normalization, Frequency 6.0 GHz, Supply 5.0 V
DEVICE HANDLING
The wafer-level chip scale package consists of solder bumps
connected to the active side of the die. The part is lead-free with
95.5% tin, 4.0% silver, and 0.5% copper solder bump composition.
The WLCSP can be mounted on printed circuit boards using
standard surface-mount assembly techniques; however, caution
should be taken to avoid damaging the die. See the AN-617
Application Note for additional information. WLCSP devices
are bumped die; therefore, the exposed die can be sensitive to
light, which can influence specified limits. Lighting in excess of
600 LUX can degrade performance.


Similar Part No. - ADL5500_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5500-EVALZ AD-ADL5500-EVALZ Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL55001 AD-ADL55001 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADL5500ACBZ-P2 AD-ADL5500ACBZ-P2 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5500ACBZ-P7 AD-ADL5500ACBZ-P7 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
More results

Similar Description - ADL5500_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5903 AD-ADL5903 Datasheet
1Mb / 20P
   200 MHz to 6 GHz 35 dB TruPwr??Detector
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
AD8361 AD-AD8361_1 Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr??Detector
REV. C
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
AD8361ART AD-AD8361ART Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr Detector
REV. C
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5906 AD-ADL5906 Datasheet
1Mb / 32P
   10 MHz to 10 GHz 67 dB TruPwr Detector
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com