Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5385 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5385
Description  30 MHz to 2200 MHz Quadrature Modulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5385_15 Datasheet HTML 18Page - Analog Devices ADL5385_15 Datasheet HTML 19Page - Analog Devices ADL5385_15 Datasheet HTML 20Page - Analog Devices ADL5385_15 Datasheet HTML 21Page - Analog Devices ADL5385_15 Datasheet HTML 22Page - Analog Devices ADL5385_15 Datasheet HTML 23Page - Analog Devices ADL5385_15 Datasheet HTML 24Page - Analog Devices ADL5385_15 Datasheet HTML 25Page - Analog Devices ADL5385_15 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
ADL5385
Data Sheet
Figure 47. Layout of ADL5385-EVALZ, Top View
Rev. B | Page 24 of 26


Similar Part No. - ADL5385_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5385-EVALZ AD-ADL5385-EVALZ Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
ADL5385ACPZ-R2 AD-ADL5385ACPZ-R2 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
ADL5385ACPZ-R7 AD-ADL5385ACPZ-R7 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
ADL5385ACPZ-WP AD-ADL5385ACPZ-WP Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
More results

Similar Description - ADL5385_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5385 AD-ADL5385 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADRF6750ACPZ-R7 AD-ADRF6750ACPZ-R7 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator
REV. A
ADL5372ACPZ-R7 AD-ADL5372ACPZ-R7 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5374 AD-ADL5374_15 Datasheet
862Kb / 20P
   3000 MHz to 4000 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
ADRF6704 AD-ADRF6704 Datasheet
1Mb / 36P
   2050 MHz to 3000 MHz Quadrature Modulator
REV. 0
ADRF6702ACPZ-R7 AD-ADRF6702ACPZ-R7 Datasheet
1Mb / 36P
   1200 MHz to 2400 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com